Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APU4003 Datasheet (PDF) - Aplus Intergrated Circuits

APU4003 Datasheet PDF - Aplus Intergrated Circuits
Part # APU4003
Download  APU4003 Download
File Size   596.87 Kbytes
Page   9 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 4-BIT MICRO-CONTROLLER WITH LCD DRIVER, 1K WORD

APU4003 Datasheet (PDF)

Go To PDF Page Download Datasheet
APU4003 Datasheet PDF - Aplus Intergrated Circuits

Part # APU4003
Download  APU4003 Click to download

File Size   596.87 Kbytes
Page   9 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 4-BIT MICRO-CONTROLLER WITH LCD DRIVER, 1K WORD

APU4003 Datasheet (HTML) - Aplus Intergrated Circuits


APU4003 Product details

General Description
The APU4003 is a single chip 4-bit micro-controller with LCD drivers. It can drive up to 3 common times or 25 segments, i.e. a 75-segment LCD driver. This 4-bit micro-controller contains a 4-bit parallel processing ALU, 1024x15-bit program ROM, 64x4-bit data RAM, input/output ports, alarm driver, timer, clock generator, crystal and RC oscillator circuit, LCD driver and 79 powerful instructions in a single chip. The HALT instruction can be used to stop all internal operations other than timer, clock generator, crystal/RC oscillator and LCD driver. Very low current dissipation can be easily achieved by combining 4 kinds of interrupt functions and HALT instruction to minimize the operation cycle.

Features
• Very low current dissipation
• Wide operating voltage range
• Supports both Ag and Li batteries
• Powerful instruction set
• 4-level subroutine nesting (including interrupt)
• 4 event driven interrupts, 2 external and 2 internal
• ROM size: 1024x15 bits
• RAM size: 64x4 bits
• Input ports: 2 ports/8 pins (S and M)
• Output port: 1 port/4 pins (P)
• Pseudo serial output port (P)
• Input/output ports: 2 ports/8 pins (I/OA and I/OB)
• Control outputs: ALARM, LIGHT
• LCD driver outputs (can drive up to 75 LCD segments)
• Mask option to select 4 LCD drive modes: static, duplex (1/2 duty 1/2 bias, 1/3 duty 1/2 bias or 1/3 duty 1/3 bias)
• Mask option permits LCD driver output pins to be used for DC output ports; up to 25 pins are available
• Segment PLA circuit permits any layout on LCD panel
• Built-in clock generator (crystal or RC)
• Built-in voltage doubler, halver, tripler




Similar Part No. - APU4003

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
4-Bit Micro-Controller With EPROM, 1K Word
More results


Similar Description - APU4003

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
4-Bit Micro-Controller With EPROM, 1K Word
APU4006 APLUS-APU4006 Datasheet
509Kb / 8P
4-Bit Micro-Controller with LCD Driver, 1K Word
APU428 APLUS-APU428 Datasheet
322Kb / 18P
4-Bit Micro-controller With LCD Driver
APU429 APLUS-APU429 Datasheet
439Kb / 18P
4-Bit Micro-controller With LCD Driver
logo
List of Unclassifed Man...
MTU429B ETC1-MTU429B Datasheet
173Kb / 20P
4-Bit Micro-Controller with LCD Dr
MTU410 ETC1-MTU410 Datasheet
71Kb / 10P
4-Bit Micro-Controller with LCD Driver, 1K Word
MTU420 ETC-MTU420 Datasheet
77Kb / 11P
4-Bit Micro-Controller with LCD Driver, 2K Word
logo
Megawin Technology Co.,...
MLC510PA MEGAWIN-MLC510PA Datasheet
181Kb / 1P
8-bit micro-controller with 160 dots LCD driver
MLC605A MEGAWIN-MLC605A Datasheet
23Kb / 2P
8-bit micro-controller with 260 dots LCD driver
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
8-bit micro-controller with 320 dots LCD driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com