Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APU4006 Datasheet (PDF) - Aplus Intergrated Circuits

APU4006 Datasheet PDF - Aplus Intergrated Circuits
Part # APU4006
Download  APU4006 Download
File Size   509.8 Kbytes
Page   8 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 4-Bit Micro-Controller with LCD Driver, 1K Word

APU4006 Datasheet (PDF)

Go To PDF Page Download Datasheet
APU4006 Datasheet PDF - Aplus Intergrated Circuits

Part # APU4006
Download  APU4006 Click to download

File Size   509.8 Kbytes
Page   8 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 4-Bit Micro-Controller with LCD Driver, 1K Word

APU4006 Datasheet (HTML) - Aplus Intergrated Circuits


APU4006 Product details

GENERAL DESCRIPTION
TheAPU4006is a single-chip 4-bit microcontroller with LCD drivers. It can drive up to 3 common time 20 segments, i.e. 60 segments LCD driver. This 4-bit microcontroller contains a 4-bit parallel processing ALU, 1024 x 15-bit program ROM, 48 x 4-bit data RAM, input ports, alarm driver, timer, clock generator, crystal and RC oscillator circuit, LCD driver and 70 powerful instructions in a single chip. It uses HALT instruction to stop all internal operations other than the timer, clock generator, crystal/RC oscillator and LCD driver. Very low current dissipation can be easily achieved by combining 4 types of interrupt function and HALT instruction to minimize the operation cycle.

FEATURES
• Very low current dissipation.
• Wide operating voltage range.
• Supports both Ag and Li batteries.
• Powerful instruction set.
• 4-level subroutine nesting (including interrupt).
• 4 event driven interrupts, 2 external and 2 internal.
• ROM size: 1024 x 15 bits.
• RAM size: 48 x 4 bits.
• Input ports: 1 port/ 4 pins (M-PORT).
• Control output: ALARM.
• LCD driver outputs (can drive up to 60 LCD segments).
• Mask option to select 3 LCD drive modes: static, duplex 1/2 duty 1/2 bias, 1/3 duty 1/2 bias.
• Mask option permits LCD driver output pins to be used for DC output ports. Up to 20 pins are available. SEG13-SEG20 can be selected by open-drain output.
• Segment PLA circuit permits any layout on the LCD panel.
• Built-in clock generator (crystal or RC).
• Built-in voltage doubler, halver.




Similar Part No. - APU4006

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU4003 APLUS-APU4003 Datasheet
596Kb / 9P
4-BIT MICRO-CONTROLLER WITH LCD DRIVER, 1K WORD
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
4-Bit Micro-Controller With EPROM, 1K Word
More results


Similar Description - APU4006

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU4003 APLUS-APU4003 Datasheet
596Kb / 9P
4-BIT MICRO-CONTROLLER WITH LCD DRIVER, 1K WORD
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
4-Bit Micro-Controller With EPROM, 1K Word
APU428 APLUS-APU428 Datasheet
322Kb / 18P
4-Bit Micro-controller With LCD Driver
APU429 APLUS-APU429 Datasheet
439Kb / 18P
4-Bit Micro-controller With LCD Driver
logo
List of Unclassifed Man...
MTU429B ETC1-MTU429B Datasheet
173Kb / 20P
4-Bit Micro-Controller with LCD Dr
MTU410 ETC1-MTU410 Datasheet
71Kb / 10P
4-Bit Micro-Controller with LCD Driver, 1K Word
MTU420 ETC-MTU420 Datasheet
77Kb / 11P
4-Bit Micro-Controller with LCD Driver, 2K Word
logo
Megawin Technology Co.,...
MLC510PA MEGAWIN-MLC510PA Datasheet
181Kb / 1P
8-bit micro-controller with 160 dots LCD driver
MLC605A MEGAWIN-MLC605A Datasheet
23Kb / 2P
8-bit micro-controller with 260 dots LCD driver
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
8-bit micro-controller with 320 dots LCD driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com