Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APU428 Datasheet (PDF) - Aplus Intergrated Circuits

APU428 Datasheet PDF - Aplus Intergrated Circuits
Part # APU428
Download  APU428 Download
File Size   322.11 Kbytes
Page   18 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 4-Bit Micro-controller With LCD Driver

APU428 Datasheet (PDF)

Go To PDF Page Download Datasheet
APU428 Datasheet PDF - Aplus Intergrated Circuits

Part # APU428
Download  APU428 Click to download

File Size   322.11 Kbytes
Page   18 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 4-Bit Micro-controller With LCD Driver

APU428 Datasheet (HTML) - Aplus Intergrated Circuits


APU428 Product details

General Description
APU428 is an embedded high-performance 4-bit microcomputer with an LCD/LED driver. It contains all the necessary functions in a single chip: 4-bit parallel processing ALU, ROM, RAM, I/O ports, timer, clock generator, dual clock, ADC, RFC, alarm, EL-light, LCD driver, look-up table and watchdog timer. The instruction set consists of 148 instructions which include nibble operation, manipulation, various conditional branch instructions and LCD data transfer instructions which are powerful and easy to follow.
The HALT function stops any internal operations other than the oscillator, divider and LCD driver in order to minimize the power dissipation.
The stop function stops all clocks in the chip.

Features
•  Low power dissipation
•  Powerful instruction set (148 instructions)
   - Binary addition, subtraction, BCD adjustment, logical operation in direct addressing mode and index
   - addressing mode
   - Single-bit manipulation (set, reset, decision for branch)
   - Various conditional branches
   - 16 working registers and manipulation
   - LCD driver data transfer
   - Look-up table
   - Programmable option
   - System clock selection
•  Memory capacity
   - Instruction ROM capacity 2048 x 16 bits
   - Index ROM capacity 256 x 8 bits
   - Internal RAM capacity 256 x 4 bits
      (low-address 128 nibbles can be accessed by direct addressing, full-range 256 nibbles can be accessed by index addressing)
•  Input/output ports
   - Port IOA 4 pins (with internal pull-low, chattering clock, MUX with CX, RR, RT, RH/ SEG 37~40 by mask option)
   - Port IOB 4 pins (MUX with ELC, ELP, BZB, BZ/SEG41, 42 by mask option)
   - Port IOC 4 pins (with internal pull-low, low-level hold, chattering clock, MUX option with AN1~4 by mask option)
   - Port IOD 4 pins (MUX with PWM1, 2/SEG33~36 by mask option)
•  8-level subroutine nesting
•  Interrupt function
   - External factor 2 (INT pin & port IOA, IOC input)
   - Internal factor 4 (predivider, 2 timers & RFC)
•  Built-in EL-light driver, alarm, frequency or melody generator (MUX with IOB/ SEG41, 42)
•  Built-in R to F converter circuit (MUX with IOA/SEG37~40)
•  Built-in comparator, 6/8-bit PWM output, 4-bit D/A converter, low-battery detector; this structure can be used as a 4/6/8-bit full range ADC
   - Port PWM 2 pins (MUX with SEG35, 36)
   - Port ADC 4 pins (MUX with IOC)
•  2 6-bit programmable timers with programmable clock source
•  Watchdog timer
•  LCD/LED driver output
   - 42 LCD/LED driver outputs (up to 168 LCD segments are drivable)
   - Mask option is used to select static, 1/2 bias 1/2 duty, 1/2 bias 1/3 duty, 1/2 bias 1/4 duty, 1/3 bias 1/3 duty and 1/3 bias 1/4 duty drive modes of the LCD panel
   - Mask option is used to select DC output, and static, 1/2 duty, 1/3 duty and 1/4 duty drive modes of the LED panel
   - Mask option is used to select SEG28~32 as P open-drain DC outputs
   - Single instruction stops all segments that are either in LCD or LED
•  Built-in voltage doubler, halver, tripler charge pump circuit
•  Dual clock operation
•  HALT function
•  Stop function




Similar Part No. - APU428

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU429 APLUS-APU429 Datasheet
439Kb / 18P
4-Bit Micro-controller With LCD Driver
More results


Similar Description - APU428

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU4003 APLUS-APU4003 Datasheet
596Kb / 9P
4-BIT MICRO-CONTROLLER WITH LCD DRIVER, 1K WORD
APU4006 APLUS-APU4006 Datasheet
509Kb / 8P
4-Bit Micro-Controller with LCD Driver, 1K Word
APU429 APLUS-APU429 Datasheet
439Kb / 18P
4-Bit Micro-controller With LCD Driver
logo
List of Unclassifed Man...
MTU429B ETC1-MTU429B Datasheet
173Kb / 20P
4-Bit Micro-Controller with LCD Dr
MTU410 ETC1-MTU410 Datasheet
71Kb / 10P
4-Bit Micro-Controller with LCD Driver, 1K Word
MTU420 ETC-MTU420 Datasheet
77Kb / 11P
4-Bit Micro-Controller with LCD Driver, 2K Word
logo
Megawin Technology Co.,...
MLC510PA MEGAWIN-MLC510PA Datasheet
181Kb / 1P
8-bit micro-controller with 160 dots LCD driver
MLC605A MEGAWIN-MLC605A Datasheet
23Kb / 2P
8-bit micro-controller with 260 dots LCD driver
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
8-bit micro-controller with 320 dots LCD driver
MLC852A MEGAWIN-MLC852A Datasheet
35Kb / 2P
8-Bit micro-controller with 1120 dots LCD driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com