Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APU429 Datasheet (PDF) - Aplus Intergrated Circuits

APU429 Datasheet PDF - Aplus Intergrated Circuits
Part # APU429
Download  APU429 Download
File Size   439.35 Kbytes
Page   18 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 4-Bit Micro-controller With LCD Driver

APU429 Datasheet (PDF)

Go To PDF Page Download Datasheet
APU429 Datasheet PDF - Aplus Intergrated Circuits

Part # APU429
Download  APU429 Click to download

File Size   439.35 Kbytes
Page   18 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description 4-Bit Micro-controller With LCD Driver

APU429 Datasheet (HTML) - Aplus Intergrated Circuits


APU429 Product details

General Description
The APU429 is an embedded high performance 4-bit micro-computer with an on-chip LCD driver. It contains all the necessary functions in a single chip: 4-bit parallel processing ALU, ROM, RAM, I/O ports, timer, clock generator, dual clock, RFC, EL-light, LCD driver, look-up table, watchdog timer and keyboard scanning. The instruction set includes not only 4-bit operation and manipulation instructions but also various conditional branch instructions and LCD driver data transfer instructions which are powerful and easy to use.

Features
• Low power and low voltage operation
• Powerful instruction set (150 instructions)
• Memory capacity
   - Instruction ROM capacity 4096 x 16 bits
   - Index ROM capacity 256 x 8 bits
   - Internal RAM capacity 384 or 256 x 4 bits
• Input/Output ports of up to 20 pins
• 8-level subroutine nesting
• Built-in LCD driver, 8 x 42 = 336 segments
• Built-in EL driver, frequency or melody generator
• Built-in Resistance-to-Frequency Converter
• Built-in 2-channel 6/8-bit PWM output
• Built-in key strobe function
   (Shared with segment pin)
• Built-in voltage doubler, halver, tripler quadrupler charge pump circuit
• Two 6-bit programmable timers with programmable clock source
• Watchdog timer
• 4 external & 3 internal interrupt resources
   - External: INT, RFC, IOA/IOC/S port, keystrobe
   - Internal: TM1, TM2, Predivider
• Dual clock operation
• HALT and STOP function




Similar Part No. - APU429

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU428 APLUS-APU428 Datasheet
322Kb / 18P
4-Bit Micro-controller With LCD Driver
More results


Similar Description - APU429

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU4003 APLUS-APU4003 Datasheet
596Kb / 9P
4-BIT MICRO-CONTROLLER WITH LCD DRIVER, 1K WORD
APU4006 APLUS-APU4006 Datasheet
509Kb / 8P
4-Bit Micro-Controller with LCD Driver, 1K Word
APU428 APLUS-APU428 Datasheet
322Kb / 18P
4-Bit Micro-controller With LCD Driver
logo
List of Unclassifed Man...
MTU429B ETC1-MTU429B Datasheet
173Kb / 20P
4-Bit Micro-Controller with LCD Dr
MTU410 ETC1-MTU410 Datasheet
71Kb / 10P
4-Bit Micro-Controller with LCD Driver, 1K Word
MTU420 ETC-MTU420 Datasheet
77Kb / 11P
4-Bit Micro-Controller with LCD Driver, 2K Word
logo
Megawin Technology Co.,...
MLC510PA MEGAWIN-MLC510PA Datasheet
181Kb / 1P
8-bit micro-controller with 160 dots LCD driver
MLC605A MEGAWIN-MLC605A Datasheet
23Kb / 2P
8-bit micro-controller with 260 dots LCD driver
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
8-bit micro-controller with 320 dots LCD driver
MLC852A MEGAWIN-MLC852A Datasheet
35Kb / 2P
8-Bit micro-controller with 1120 dots LCD driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com