Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG2016 Datasheet (PDF) - OSRAM GmbH

SLG2016 Datasheet PDF - OSRAM GmbH
Part # SLG2016
Download  SLG2016 Download
File Size   416.65 Kbytes
Page   10 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver

SLG2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG2016 Datasheet PDF - OSRAM GmbH

Part # SLG2016
Download  SLG2016 Click to download

File Size   416.65 Kbytes
Page   10 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver

SLG2016 Datasheet (HTML) - OSRAM GmbH


SLG2016 Product details

DESCRIPTION
The SLR/SLO/SLG/SLY2016 is a four digit 5 x 7 dot matrix display module with a built-in CMOS integrated circuit. This display is X/Y stackable.
The integrated circuit contains memory, a 128 ASCII ROM decoder, multiplexing circuitry and drivers. Data entry is asynchronous. A display system can be built using any number of SLR/SLO/SLG/SLY2016 since each digit can be addressed independently and will continue to display the character last stored until replaced by another.
System interconnection is very straightforward. Two address bits (A0, A1) are normally connected to the like-named inputs of all displays in the system.

FEATURES
• Very Close Multi-line Spacing, 0.4" Centers
• 4.72 mm (0.180") 5 x 7 Dot Matrix Characters
• 128 Special ASCII Characters for English, German, Italian, Swedish, Danish, and Norwegian Languages
• Wide Viewing Angle: X axis 50° Maximum, Y Axis ± 75° Maximum
• Fast Access Time, 110 ns at 25°C
• Full Size Display for Stationary Equipment
• Built-in Memory
• Built-in Character Generator
• Built-in Multiplex and LED Drive Circuitry
• Direct Access to Each Digit Independently and Asynchronously
• Clear Function that Clears Character Memory
• True Blanking for Intensity Dimming Applications
• End-stackable, 4-Character Package
• Intensity Coded for Display Uniformity
• Extended Operating Temperature Range: - 40°C to +85°C
• Superior ESD Immunity
• 100% Burned-in and Tested
• Wave Solderable
• TTL Compatible over Operating Temperature Range




Similar Part No. - SLG2016

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLG2016 INFINEON-SLG2016 Datasheet
459Kb / 5P
Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
More results


Similar Description - SLG2016

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
DLR2416 SIEMENS-DLR2416 Datasheet
214Kb / 7P
4-Character 5x7 Dot Matrix Alphanumeric IntelligentDisplay with Memory/Decoder/Driver
MPD2545 SIEMENS-MPD2545 Datasheet
438Kb / 10P
25 4-character, 5x7 dot matrix, X-Y stackable, HI-REL/Military Alphanumeric Programmable Display with Built-In CMOS Control Functions
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
logo
OSRAM GmbH
SCD55100A OSRAM-SCD55100A Datasheet
699Kb / 17P
Dot Addressable Intelligent Display짰 Devices
SCE5740 OSRAM-SCE5740 Datasheet
653Kb / 16P
Dot Addressable Intelligent Display짰 Devices
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com