Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG2016 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SLG2016
Description  X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SLG2016 Datasheet(HTML) 5 Page - OSRAM GmbH

  SLG2016 Datasheet HTML 1Page - OSRAM GmbH SLG2016 Datasheet HTML 2Page - OSRAM GmbH SLG2016 Datasheet HTML 3Page - OSRAM GmbH SLG2016 Datasheet HTML 4Page - OSRAM GmbH SLG2016 Datasheet HTML 5Page - OSRAM GmbH SLG2016 Datasheet HTML 6Page - OSRAM GmbH SLG2016 Datasheet HTML 7Page - OSRAM GmbH SLG2016 Datasheet HTML 8Page - OSRAM GmbH SLG2016 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SLR2016, SLO2016, SLG2016, SLY2016, SCD5584A
2006-01-23
5
Display Blanking
Blank the display by loading a blank or space into each digit of the
display or by using the (BL) display blank input. Setting the (BL)
input low does not affect the contents of data memory.
A flashing circuit can easily be constructed using a 555 as table
multivibrator. Figure 3 illustrates a circuit in which varying R1
(100K~10K) will have a flash rate of 1.0 Hz~10 Hz.
The display can be dimmed by pulse width modulating the (BL) at
a frequency sufficiently fast to not interfere with the internal clock.
The dimming signal frequency should be 2.5 kHz or higher. Dim-
ming the display also reduces power consumption.
An example of a simple dimming circuit using a 556 is illustrated in
Figure 4. Adjusting potentiometer R3 will dim the display by chang-
ing the blanking pulse duty cycle.
Flashing Circuit Using a 555 and Flashing
(Blanking) Timing
Dimming Circuit Using a 556 and Dimming
(Blanking) Timing
Typical Loading State Table
WR
A1
A0
D6
D5
D4
D3
D2
D1
D0
Digit
3
2
1
0
H
previously loaded display
G R
E
Y
L
L
L
H
L
L
L
H
L
H
G R
E
E
L
L
H
H
L
H
L
H
L
H
G R
U
E
L
H
L
H
L
L
H
H
L
L
G L
U
E
L
H
H
H
L
L
L
L
H
L
B
L
U
E
L
L
H
H
L
L
L
H
L
H
B
L
E
E
L
L
L
H
L
H
L
H
H
H
B
L
E
W
L
X
X
see character code
see char. set
IDCD5033
Timer
555
1
2
3
4
7
8
6
5
1
R
4.7 k
Ω
100 k
R2
Ω
10 µF
C3
0.01 µF
C4
CC
V
= 5 V
To BL
Pin on
Display
IDCD5035
1
0
500 ms
Blanking Pulse Width
50% Duty Factor
2 Hz Blanking Frequency
~
~
~
~
~
~
IDCD5034
Dual Timer
556
1
2
3
4
13
14
12
11
500 k
R3
Ω
1000 pF
C3
CC
V
= 5 V
6
7
5
9
8
10
C
0.01 µF
4
0.01 µF
C2
2
47 k
R
Ω
200
R1
Ω
4700 pF
C1
Control
Dimming (Blanking)
To BL Pin
on Display
IDCD5036
1
0
200 µs
Blanking Pulse Width
4 µs min., 196 µs max.
5 kHz Blanking Frequency
~
~
~
~



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com