Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG2016 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SLG2016
Description  X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SLG2016 Datasheet(HTML) 3 Page - OSRAM GmbH

  SLG2016 Datasheet HTML 1Page - OSRAM GmbH SLG2016 Datasheet HTML 2Page - OSRAM GmbH SLG2016 Datasheet HTML 3Page - OSRAM GmbH SLG2016 Datasheet HTML 4Page - OSRAM GmbH SLG2016 Datasheet HTML 5Page - OSRAM GmbH SLG2016 Datasheet HTML 6Page - OSRAM GmbH SLG2016 Datasheet HTML 7Page - OSRAM GmbH SLG2016 Datasheet HTML 8Page - OSRAM GmbH SLG2016 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SLR2016, SLO2016, SLG2016, SLY2016, SCD5584A
2006-01-23
3
Top View
Maximum Ratings
Parameter
Symbol
Value
Unit
Operating temperature range
Top
– 40 … + 85
°C
Storage temperature range
T
stg
– 40 … + 100
°C
DC Supply Voltage
VCC
-0.5 to + 7.0
V
Input Voltage, Respect to GND
(all inputs)
-0.5 to V
CC +0.5
V
Solder Temperature
1.59 mm (0.063“) below seating plane, t < 5.0 s
TS
260
°C
Relative Humidity
85
%
Optical Characteristics at 25°C
(V
CC=5.0 V at 100% brightness level, viewing angle: X axis ± 50°, Y axis ± 75°)
Description
Symbol
Values
Unit
Time Averaged Luminous Intensity
1)
(min.)
(typ.)
I
V
50
60
75
60
µcd/LED
Spectral Peak Wavelength
(typ.)
λ
peak
660
635
565
585
nm
Notes:
1.
Peak luminous intensity values can be calculated by multiplying these vaues by 7.
2.
LED to LED intensity matching 1.8:1.0
IDPA5119
12 3 4 5
7
6
13
14
8
9
10
11
12
Digit 3
Digit 2
Digit 1 Digit 0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com