Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT16646F Datasheet (PDF) - ATMEL Corporation

AT16646F Datasheet PDF - ATMEL Corporation
Part # AT16646F
Download  AT16646F Download
File Size   64.75 Kbytes
Page   6 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT16646 Fast Logic 16-Bit Tri-State Register

AT16646F Datasheet (PDF)

Go To PDF Page Download Datasheet
AT16646F Datasheet PDF - ATMEL Corporation

Part # AT16646F
Download  AT16646F Click to download

File Size   64.75 Kbytes
Page   6 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT16646 Fast Logic 16-Bit Tri-State Register

AT16646F Datasheet (HTML) - ATMEL Corporation


AT16646F Product details

Description
Atmel’s AT16646 devices are 16-bit high speed, low power Tri-statable D type registers, ideal for use in systems requiring both transparent and registered mode functions. They are organized as two separate 8-bit bus transceivers.

Features
• Fastest Propagation Speeds in the Industry TPD (F grade) = 2.5 ns, TPD (G grade) = 2.0 ns
• Maximum derating for capacitive loads 1.5ns/100 pF (F grade) and 1.1ns/100 pF (G grade)
• Very low ground bounce < 0.6 V @ VCC=5.00 V, Ta=25°C
• Typical output skew ≤0.25ns
• Bus Hold circuitry to retain last active state during Tri-State
• Available in SSOP and TSSOP packages




Similar Part No. - AT16646F

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT16-18SA-EK02 AMPHENOL-AT16-18SA-EK02 Datasheet
396Kb / 3P
18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EK03 AMPHENOL-AT16-18SA-EK03 Datasheet
396Kb / 3P
18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EKSR02 AMPHENOL-AT16-18SA-EKSR02 Datasheet
396Kb / 3P
18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-EKSR03 AMPHENOL-AT16-18SA-EKSR03 Datasheet
396Kb / 3P
18 POSITION PLUG, SOCKET,AT SERIES
B1
AT16-18SA-K004 AMPHENOL-AT16-18SA-K004 Datasheet
396Kb / 3P
18 POSITION PLUG, SOCKET,AT SERIES
B1
More results


Similar Description - AT16646F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ16646 NSC-54ACTQ16646 Datasheet
92Kb / 8P
16-Bit Transceiver/Register with TRI-STATE Outputs
logo
Pericom Semiconductor C...
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
Fast CMOS 3.3V 16-Bit Register (3-State)
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
Fast CMOS 3.3V 16-Bit Register (3-State)
logo
National Semiconductor ...
54LS295A NSC-54LS295A Datasheet
117Kb / 4P
4-BIT SHIFT REGISTER WITH TRI-STATE OUTPUTS
54LS173 NSC-54LS173 Datasheet
115Kb / 4P
TRI-STATE 4-BIT D-TYPE REGISTER
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com