Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010 Datasheet (PDF) - ATMEL Corporation

AT28C010 Datasheet PDF - ATMEL Corporation
Part # AT28C010
Download  AT28C010 Download
File Size   657.33 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1 Megabit 128K x 8 Paged CMOS E2PROM

AT28C010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT28C010 Datasheet PDF - ATMEL Corporation

Part # AT28C010
Download  AT28C010 Click to download

File Size   657.33 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1 Megabit 128K x 8 Paged CMOS E2PROM

AT28C010 Datasheet (HTML) - ATMEL Corporation




Similar Part No. - AT28C010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
410Kb / 17P
1-megabit (128K x 8) Paged Parallel EEPROM
AT28C010 ATMEL-AT28C010 Datasheet
604Kb / 16P
1-Megabit (128K x 8) Paged Parallel EEPROMs
logo
Microchip Technology
AT28C010 MICROCHIP-AT28C010 Datasheet
524Kb / 31P
Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
2020
logo
ATMEL Corporation
AT28C010-12 ATMEL-AT28C010-12 Datasheet
570Kb / 11P
1 Megabit 128K x 8 Paged CMOS E2PROM
More results


Similar Description - AT28C010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
4-Megabit 512K x 8 Paged E2PROM
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
256K 32K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
1-megabit (128K x 8) Paged Parallel EEPROM
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
Space 1-megabit (128K x 8) Paged Parallel EEPROMs
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com