Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C256 Datasheet (PDF) - ATMEL Corporation

AT28C256 Datasheet PDF - ATMEL Corporation
Part # AT28C256
Download  AT28C256 Download
File Size   762.46 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256K 32K x 8 Paged CMOS E2PROM

AT28C256 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT28C256 Datasheet PDF - ATMEL Corporation

Part # AT28C256
Download  AT28C256 Click to download

File Size   762.46 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256K 32K x 8 Paged CMOS E2PROM

AT28C256 Datasheet (HTML) - ATMEL Corporation


AT28C256 Product details

Description
The AT28C256 is a high-performance electrically erasable and programmable read only memory. Its 256K of memory is organized as 32,768 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 150 ns with power dissipation of just 440 mW. When the device is deselected, the CMOS standby current is less than 200 µA.

Features
• Fast Read Access Time – 150 ns
• Automatic Page Write Operation
   – Internal Address and Data Latches for 64 Bytes
   – Internal Control Timer
• Fast Write Cycle Times
   – Page Write Cycle Time: 3 ms or 10 ms Maximum
   – 1 to 64-byte Page Write Operation
• Low Power Dissipation
   – 50 mA Active Current
   – 200 µA CMOS Standby Current
• Hardware and Software Data Protection
• DATA Polling for End of Write Detection
• High Reliability CMOS Technology
   – Endurance: 104 or 105 Cycles
   – Data Retention: 10 Years
• Single 5V ± 10% Supply
• CMOS and TTL Compatible Inputs and Outputs
• JEDEC Approved Byte-wide Pinout
• Full Military and Industrial Temperature Ranges
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT28C256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256 ATMEL-AT28C256 Datasheet
668Kb / 27P
256K (32K x 8) Paged Parallel EEPROM
AT28C256-15DM/883 ATMEL-AT28C256-15DM/883 Datasheet
665Kb / 25P
256K (32K x 8) Paged Parallel EEPROM
AT28C256-15FM/883 ATMEL-AT28C256-15FM/883 Datasheet
665Kb / 25P
256K (32K x 8) Paged Parallel EEPROM
AT28C256-15LM/883 ATMEL-AT28C256-15LM/883 Datasheet
665Kb / 25P
256K (32K x 8) Paged Parallel EEPROM
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
256K (32K x 8) Paged Parallel EEPROM
More results


Similar Description - AT28C256

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH53259 SHARP-LH53259 Datasheet
59Kb / 6P
CMOS 256K (32K x 8) MROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
256K 32K x 8 Low Voltage CMOS E2PROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
256K (32K x 8) CMOS EPROM
1996
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
256K (32K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
256K (32K x 8) Paged Parallel EEPROM
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
256K (32K x 8) Paged Parallel EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com