Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C040 Datasheet (PDF) - ATMEL Corporation

AT28C040 Datasheet PDF - ATMEL Corporation
Part # AT28C040
Download  AT28C040 Download
File Size   332.04 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 512K x 8 Paged E2PROM

AT28C040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT28C040 Datasheet PDF - ATMEL Corporation

Part # AT28C040
Download  AT28C040 Click to download

File Size   332.04 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 512K x 8 Paged E2PROM

AT28C040 Datasheet (HTML) - ATMEL Corporation


AT28C040 Product details

Description
The AT28C040 is a high-performance electrically erasable and programmable read only memory (E2PROM). Its 4 megabits of memory is organized as 524,288 words by 8 bits. Manufactured with Atmels advanced nonvolatile CMOS technology, the device offers access times to 200 ns with power dissipation of just 440 mW.

Features
• Read Access Time - 200 ns
• Automatic Page Write Operation
    – Internal Address and Data Latches for 256 Bytes
    – Internal Control Timer
• Fast Write Cycle Time
    – Page Write Cycle Time - 10 ms Maximum
    – 1 to 256 Byte Page Write Operation
• Low Power Dissipation
    – 80 mA Active Current
• Hardware and Software Data Protection
• DATA Polling for End of Write Detection
• High Reliability CMOS Technology
    – Endurance: 10,000 Cycles
    – Data Retention: 10 Years
• Single 5V ± 10% Supply
• CMOS and TTL Compatible Inputs and Outputs
• JEDEC Approved Byte-Wide Pinout




Similar Part No. - AT28C040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C040 ATMEL-AT28C040 Datasheet
475Kb / 16P
4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040 ATMEL-AT28C040 Datasheet
385Kb / 15P
4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040 ATMEL-AT28C040 Datasheet
385Kb / 15P
Automatic Page Write Operation
AT28C040-20FI ATMEL-AT28C040-20FI Datasheet
475Kb / 16P
4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040-20FI ATMEL-AT28C040-20FI Datasheet
385Kb / 15P
4-Megabit (512K x 8) Paged Parallel EEPROMs
More results


Similar Description - AT28C040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
4-Megabit 512K x 8 OTP EPROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
256K 32K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
logo
Maxwell Technologies
32C408B MAXWELL-32C408B Datasheet
187Kb / 11P
4 Megabit (512K x 8-Bit) SRAM
logo
ATMEL Corporation
AT28C040 ATMEL-AT28C040_08 Datasheet
475Kb / 16P
4-Megabit (512K x 8) Paged Parallel EEPROMs
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
4-megabit (512K x 8) Flash Memory
AT28C040 ATMEL-AT28C040_09 Datasheet
385Kb / 15P
4-Megabit (512K x 8) Paged Parallel EEPROMs
97314 ATMEL-97314 Datasheet
306Kb / 14P
4-Megabit (512K x 8) otp eprom
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com