Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C080 Datasheet (PDF) - ATMEL Corporation

27C080 Datasheet PDF - ATMEL Corporation
Part # 27C080
Download  27C080 Download
File Size   167.01 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Megabit 1M x 8 UV Erasable CMOS EPROM

27C080 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C080 Datasheet PDF - ATMEL Corporation

Part # 27C080
Download  27C080 Click to download

File Size   167.01 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Megabit 1M x 8 UV Erasable CMOS EPROM

27C080 Datasheet (HTML) - ATMEL Corporation


27C080 Product details

Description
The AT27C080 chip is a low-power, high-performance 8,388,608-bit one-time programmable read only memory (OTP EPROM) organized as 1M by 8 bits. The AT27C080 requires only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 90 ns, eliminating the need for speed reducing WAIT states on high-performance microprocessor systems.

Features
• Fast Read Access Time – 90 ns
• Low Power CMOS Operation
   – 100 µA Max Standby
   – 40 mA Max Active at 5 MHz
• JEDEC Standard Packages
   – 32-lead PLCC
   – 32-lead PDIP
   – 32-lead TSOP
• 5V±10% Supply
• High-Reliability CMOS Technology
   – 2,000V ESD Protection
   – 200 mA Latchup Immunity
• RapidProgramming Algorithm – 50 µs/Byte (Typical)
• CMOS and TTL Compatible Inputs and Outputs
• Integrated Product Identification Code
• Industrial Temperature Range
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - 27C080

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
27C010 FAIRCHILD-27C010 Datasheet
117Kb / 10P
1,048,576-Bit (128K x 8) High Performance CMOS EPROM
logo
ATMEL Corporation
27C010 ATMEL-27C010 Datasheet
256Kb / 9P
1 Megabit 128K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
27C010TRPFB-12 MAXWELL-27C010TRPFB-12 Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
27C010TRPFB-15 MAXWELL-27C010TRPFB-15 Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
More results


Similar Description - 27C080

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
logo
Fairchild Semiconductor
NM27C020 FAIRCHILD-NM27C020 Datasheet
119Kb / 14P
2,097,152-Bit (256K x 8) UV Erasable CMOS EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
1 Megabit 128K x 8 OTP CMOS EPROM
AT27C800 ATMEL-AT27C800 Datasheet
177Kb / 10P
8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
1M-BIT [128K x 8] CMOS EPROM
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Macronix International
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
logo
Winbond
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
8-Megabit (1M x 8) OTP EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com