Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV4096 Datasheet (PDF) - ATMEL Corporation

AT49BV4096 Datasheet PDF - ATMEL Corporation
Part # AT49BV4096
Download  AT49BV4096 Download
File Size   176.29 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 256K x 16 3-volt Only CMOS Flash Memory

AT49BV4096 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49BV4096 Datasheet PDF - ATMEL Corporation

Part # AT49BV4096
Download  AT49BV4096 Click to download

File Size   176.29 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 256K x 16 3-volt Only CMOS Flash Memory

AT49BV4096 Datasheet (HTML) - ATMEL Corporation


AT49BV4096 Product details

Description
The AT49BV4096 and AT49LV4096 are 3-volt, 4-megabit Flash Memories organized as 256K words of 16 bits each. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the devices offer access times to 120 ns with power dissipation of just 67 mW at 2.7V read. When deselected, the CMOS standby current is less than 50 µA.

Features
• Low Voltage Operation
    - 2.7V Read
    - 5V Program/Erase
• Fast Read Access Time - 120 ns
• Internal Erase/Program Control
• Sector Architecture
    - One 8K Words (16K bytes) Boot Block with Programming Lockout
    - Two 8K Words (16K bytes) Parameter Blocks
    - One 232K Words (464K bytes) Main Memory Array Block
• Fast Sector Erase Time - 10 seconds
• Word-By-Word Programming - 10 µs/Word
• Hardware Data Protection
• DATA Polling For End Of Program Detection
• Low Power Dissipation
    - 25 mA Active Current
    - 50 µA CMOS Standby Current
• Typical 10,000 Write Cycles




Similar Part No. - AT49BV4096

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV4096A ATMEL-AT49BV4096A Datasheet
241Kb / 15P
4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A ATMEL-AT49BV4096A Datasheet
365Kb / 16P
4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV4096A-12RC ATMEL-AT49BV4096A-12RC Datasheet
241Kb / 15P
4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12RI ATMEL-AT49BV4096A-12RI Datasheet
241Kb / 15P
4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV4096A-12TC ATMEL-AT49BV4096A-12TC Datasheet
241Kb / 15P
4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Similar Description - AT49BV4096

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
16-megabit (1M x 16) 3-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
2-megabit (256K x 8) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
16-megabit (1M x 16) 3-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com