Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet (PDF) - Analog Devices

SSM2018 Datasheet PDF - Analog Devices
Part # SSM2018
Download  SSM2018 Download
File Size   366.49 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Trimless Voltage Controlled Amplifier

SSM2018 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2018 Datasheet PDF - Analog Devices

Part # SSM2018
Download  SSM2018 Click to download

File Size   366.49 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Trimless Voltage Controlled Amplifier

SSM2018 Datasheet (HTML) - Analog Devices


SSM2018 Product details

GENERAL DESCRIPTION

The SSM2018 represents the continuing evolution of the Frey Operational Voltage Controlled Element (OVCE) topology that permits flexibility in the design of high performance volume control systems. The SSM2018 is laser trimmed for gain core symmetry and offset. As a result, the SSM2018 is the first professional audio quality VCA to offer trimless operation.



FEATURES

    117 dB dynamic range

    0.006% typical THD+N (@ 1 kHz, unity gain)

    140 dB gain range

    No external trimming required

    Differential inputs

    Complementary gain outputs

    Buffered control port

    I–V converter on-chip

    Low external parts count

    Low cost




Similar Part No. - SSM2018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018 AD-SSM2018 Datasheet
604Kb / 16P
Trimless Voltage Controlled Amplifiers
REV.A
SSM2018 AD-SSM2018 Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2018PZ AD-SSM2018PZ Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
More results


Similar Description - SSM2018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
Trimless Voltage Controlled Amplifiers
REV.A
logo
List of Unclassifed Man...
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
VOLTAGE CONTROLLED AMPLIFIER
CEM3330 ETC1-CEM3330 Datasheet
225Kb / 2P
DUAL VOLTAGE CONTROLLED AMPLIFIER
logo
Analog Devices
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018 AD-SSM2018_15 Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com