Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 3 Page - Analog Devices

  SSM2018 Datasheet HTML 1Page - Analog Devices SSM2018 Datasheet HTML 2Page - Analog Devices SSM2018 Datasheet HTML 3Page - Analog Devices SSM2018 Datasheet HTML 4Page - Analog Devices SSM2018 Datasheet HTML 5Page - Analog Devices SSM2018 Datasheet HTML 6Page - Analog Devices SSM2018 Datasheet HTML 7Page - Analog Devices SSM2018 Datasheet HTML 8Page - Analog Devices SSM2018 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
SSM2018
Rev. C | Page 3 of 16
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VS = ±15 V, AV = 0 dB, RL = 100 kΩ, f = 1 kHz, 0 dBu = 0.775 V rms, simple VCA application circuit with 18 kΩ resistors, −VIN floating,
and Class AB gain core bias (RB = 150 kΩ), −40°C < TA < +85°C, unless otherwise noted. Typical specifications apply at TA = 25°C.
Table 1.
Parameter
Conditions
Min
Typ
Max
Max (E Grade)
Unit
AUDIO PERFORMANCE
Noise
VIN = GND, 20 kHz Bandwidth
–95
–93
dBu
Headroom
Clip Point = 1% THD + N
22
dBu
Total Harmonic Distortion plus Noise
2nd and 3rd Harmonics Only
(25°C to 85°C)
AV = 0 dB, VIN = +10 dBu
0.006
0.020
0.01
%
AV = +20 dB, VIN = −10 dBu
0.013
0.03
0.02
%
AV = −20 dB, VIN = +10 dBu
0.013
0.03
0.02
%
INPUT AMPLIFIER
Bias Current
VCM = 0 V
0.25
1
µA
Offset Voltage
VCM = 0 V
1
15
mV
Offset Current
VCM = 0 V
10
100
nA
Input Impedance
4
MΩ
Common-Mode Range
±13
V
Gain Bandwidth
VCA Configuration
0.7
MHz
VCP Configuration
14
MHz
Slew Rate
5
V/µs
OUTPUT AMPLIFIER
Offset Voltage
VIN = 0 V, VC = 4 V
1.0
15
mV
Output Voltage Swing
IOUT = 1.5 mA
Positive
10
13
V
Negative
−10
−14
V
Minimum Load Resistance
For Full Output Swing
9
kΩ
CONTROL PORT
Bias Current
0.36
1
µA
Input Impedance
1
MΩ
Gain Constant
Device Powered in Socket > 60 sec
−30
mV/dB
Gain Constant Temperature Coefficient
−3500
ppm/°C
Control Feedthrough
0 dB to –40 dB Gain Range
±1
±4
±3
mV
Maximum Gain
VC = −1.3 V
40
mV
Maximum Attenuation
VC = 4 V
100
dB
POWER SUPPLIES
Supply Voltage Range
±5
±18
V
Supply Current
11
15
mA
Power Supply Rejection Ratio
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com