Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2018 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2018
Description  Trimless Voltage Controlled Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018 Datasheet(HTML) 1 Page - Analog Devices

  SSM2018 Datasheet HTML 1Page - Analog Devices SSM2018 Datasheet HTML 2Page - Analog Devices SSM2018 Datasheet HTML 3Page - Analog Devices SSM2018 Datasheet HTML 4Page - Analog Devices SSM2018 Datasheet HTML 5Page - Analog Devices SSM2018 Datasheet HTML 6Page - Analog Devices SSM2018 Datasheet HTML 7Page - Analog Devices SSM2018 Datasheet HTML 8Page - Analog Devices SSM2018 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Trimless
Voltage Controlled Amplifier
Data Sheet
SSM2018
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
117 dB dynamic range
0.006% typical THD+N (@ 1 kHz, unity gain)
140 dB gain range
No external trimming required
Differential inputs
Complementary gain outputs
Buffered control port
I–V converter on-chip
Low external parts count
Low cost
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The SSM2018 represents the continuing evolution of the Frey
Operational Voltage Controlled Element (OVCE) topology that
permits flexibility in the design of high performance volume
control systems. The SSM2018 is laser trimmed for gain core
symmetry and offset. As a result, the SSM2018 is the first
professional audio quality VCA to offer trimless operation.
Due to careful gain core layout, the SSM2018 combines the low
noise of Class AB topologies with the low distortion of Class A
circuits to offer an unprecedented level of sonic transparency.
Additional features include differential inputs, a 140 dB (−100 dB
to +40 dB) gain range, and a high impedance control port. The
SSM2018 provides an internal current-to-voltage converter.
Thus, no external active components are required.
This device is offered in 16-lead, plastic DIP package and
guaranteed for operation over the extended industrial
temperature range of −40°C to +85°C.
SSM2018
VC
G
GAIN
CORE
1–G
VG
–IG
V1–G
–I1–G
+IN
–IN


Similar Part No. - SSM2018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018 AD-SSM2018 Datasheet
604Kb / 16P
Trimless Voltage Controlled Amplifiers
REV.A
SSM2018 AD-SSM2018 Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2018PZ AD-SSM2018PZ Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
More results

Similar Description - SSM2018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
Trimless Voltage Controlled Amplifiers
REV.A
logo
List of Unclassifed Man...
SSM2013 ETC-SSM2013 Datasheet
307Kb / 4P
VOLTAGE CONTROLLED AMPLIFIER
CEM3330 ETC1-CEM3330 Datasheet
225Kb / 2P
DUAL VOLTAGE CONTROLLED AMPLIFIER
logo
Analog Devices
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018 AD-SSM2018_15 Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com