Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FK336 Datasheet (PDF) - Fox Electronics

FK336 Datasheet PDF - Fox Electronics
Part # FK336
Download  FK336 Download
File Size   80.84 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 3.3V 32.768kHz SMD Oscillator

FK336 Datasheet (PDF)

Go To PDF Page Download Datasheet
FK336 Datasheet PDF - Fox Electronics

Part # FK336
Download  FK336 Click to download

File Size   80.84 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 3.3V 32.768kHz SMD Oscillator

FK336 Datasheet (HTML) - Fox Electronics




Similar Part No. - FK336

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FK3300006 ETC2-FK3300006 Datasheet
238Kb / 3P
3.3V CMOS Low Jitter XO
logo
Panasonic Semiconductor
FK330301 PANASONIC-FK330301 Datasheet
582Kb / 5P
Silicon N-channel MOS FET
FK3303010L PANASONIC-FK3303010L Datasheet
282Kb / 7P
Silicon N-channel MOSFET For switching FK350301 in SSSMini3 type package
FK3306010L PANASONIC-FK3306010L Datasheet
368Kb / 6P
For switching FK350601 in SSSMini3 type package
More results


Similar Description - FK336

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F254 FOX-F254 Datasheet
198Kb / 2P
HCMOS 32.768kHz 4x2.5mm SMD Oscillator
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
F4100-600 FOX-F4100-600 Datasheet
486Kb / 2P
3.3V. HCMOS, SMD Oscillator
FK235 FOX-FK235 Datasheet
439Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
FK345 FOX-FK345 Datasheet
431Kb / 1P
HCMOS 2.5V 32.768kHz SMD Oscillator
F4105-200 FOX-F4105-200 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com