Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1237 Datasheet (PDF) - Unisonic Technologies

UPC1237 Datasheet PDF - Unisonic Technologies
Part # UPC1237
Download  UPC1237 Download
File Size   201.38 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PROTECTOR IC FOR STEREO POWER AMPLIFIER

UPC1237 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1237 Datasheet PDF - Unisonic Technologies

Part # UPC1237
Download  UPC1237 Click to download

File Size   201.38 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PROTECTOR IC FOR STEREO POWER AMPLIFIER

UPC1237 Datasheet (HTML) - Unisonic Technologies


UPC1237 Product details

DESCRIPTION

UTC UPC1237 is a semiconductor integrated circuit designed for protecting stereo power amplifiers and loudspeakers.



„  FEATURES

* Wide supply voltage range of 25V~60V. 

* Contain a relay driver. (Max. I6=80mA)

* Work as either latching function or automatic resetting function by using pin 3. (In both overload detection and output offset detection, either function can be selected.)

* Single power supply.

* Built-in output offset detection function. Both positive and negative output offset can be detected through pin2.

* AC voltage can be detected.

* Time delay function. The time delay form amplifier power ON to relay ON can be freely set by selecting external components.

* The moment that amplifier-power is turned off, it can make relay broken OFF and then loudspeaker disconnected for amplifier to prevent a shock off noise.




Similar Part No. - UPC1237

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1237 NEC-UPC1237 Datasheet
1Mb / 10P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
Renesas Technology Corp
UPC1237 RENESAS-UPC1237 Datasheet
1Mb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1986
logo
Unisonic Technologies
UPC1237G-G08-T UTC-UPC1237G-G08-T Datasheet
212Kb / 5P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
NEC
UPC1237HA NEC-UPC1237HA Datasheet
1Mb / 10P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
Renesas Technology Corp
UPC1237HA RENESAS-UPC1237HA Datasheet
1Mb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1986
More results


Similar Description - UPC1237

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1237 NEC-UPC1237 Datasheet
1Mb / 10P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
NTE Electronics
NTE7100 NTE-NTE7100 Datasheet
21Kb / 2P
Integrated Circuit Protector IC for Stereo Power Amplifier
logo
Microsemi Corporation
LX1720 MICROSEMI-LX1720 Datasheet
176Kb / 6P
SWITCHING CLASS-D, STEREO POWER AMPLIFIER CONTROLLER IC
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
IC protector
logo
Panasonic Semiconductor
AN7082K PANASONIC-AN7082K Datasheet
289Kb / 5P
PRE/POWER AMPLIFIER GOVERNOR SINGLE CHIP IC FOR 3V HEADPHONE STEREO
logo
AUK corp
SIP25 AUK-SIP25 Datasheet
200Kb / 3P
IC protector
logo
Sanyo Semicon Device
LV4992TT SANYO-LV4992TT Datasheet
499Kb / 10P
Bi-CMOS IC For Portable Audio Equipment Stereo SE Power Amplifier
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
logo
Unisonic Technologies
UPC1237 UTC-UPC1237_15 Datasheet
212Kb / 5P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com