Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1237 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UPC1237
Description  PROTECTOR IC FOR STEREO POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPC1237 Datasheet(HTML) 3 Page - Unisonic Technologies

  UPC1237 Datasheet HTML 1Page - Unisonic Technologies UPC1237 Datasheet HTML 2Page - Unisonic Technologies UPC1237 Datasheet HTML 3Page - Unisonic Technologies UPC1237 Datasheet HTML 4Page - Unisonic Technologies UPC1237 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UPC1237
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R107-065.a
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
60
V
Pin 4 Maximum Voltage
V4(MAX)
10
V
Pin 7 Maximum Voltage
V7(MAX)
8
V
Pin 8 Maximum Voltage
V8(MAX)
8
V
Pin 1 Maximum Current
I1(MAX)
3
mA
Pin 2 Maximum Current
I2(MAX)
±3
mA
Pin 6 Maximum Current
I6(MAX)
80
mA
Power Dissipation (TA=75°C)
PD
320
mW
Operational Temperature
TOPR
-20 ~ +75
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITION
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
25 ~ 60
V
ELECTRICAL CHARACTERISTICS (VCC=45V, TA=25°C, Using latching function)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pin 1 Threshold Voltage
VTH 1
Level to invert at Pin 6
0.58
0.67
0.76
V
Pin 2 Positive Threshold Voltage
VTH +2
Level to invert at Pin 6
0.54
0.62
0.70
V
Pin 2 Negative Threshold Voltage
VTH -2
Level to invert at Pin 6
-0.12
-0.17
-0.23
V
Pin 4 Threshold Voltage
VTH 4
Level to invert at Pin 6
0.60
0.74
0.90
V
Pin 8 Reference Voltage
V8
RL=1.5kΩ
3.0
3.4
3.8
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com