Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1237 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPC1237
Description  PROTECTOR IC FOR STEREO POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPC1237 Datasheet(HTML) 1 Page - Unisonic Technologies

  UPC1237 Datasheet HTML 1Page - Unisonic Technologies UPC1237 Datasheet HTML 2Page - Unisonic Technologies UPC1237 Datasheet HTML 3Page - Unisonic Technologies UPC1237 Datasheet HTML 4Page - Unisonic Technologies UPC1237 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UPC1237
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R107-065.a
PROTECTOR IC FOR STEREO
POWER AMPLIFIER
DESCRIPTION
UTC UPC1237 is a semiconductor integrated circuit designed
for protecting stereo power amplifiers and loudspeakers.
FEATURES
* Wide supply voltage range of 25V~60V.
* Contain a relay driver. (Max. I6=80mA)
* Work as either latching function or automatic resetting function
by using pin 3. (In both overload detection and output offset
detection, either function can be selected.)
* Single power supply.
* Built-in output offset detection function. Both positive and
negative output offset can be detected through pin2.
* AC voltage can be detected.
* Time delay function. The time delay form amplifier power ON to
relay ON can be freely set by selecting external components.
* The moment that amplifier-power is turned off, it can make relay
broken OFF and then loudspeaker disconnected for amplifier to
prevent a shock off noise.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UPC1237L-G08-T
UPC1237G-G08-T
SIP-8
Tube


Similar Part No. - UPC1237

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1237 NEC-UPC1237 Datasheet
1Mb / 10P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
Renesas Technology Corp
UPC1237 RENESAS-UPC1237 Datasheet
1Mb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1986
logo
Unisonic Technologies
UPC1237G-G08-T UTC-UPC1237G-G08-T Datasheet
212Kb / 5P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
NEC
UPC1237HA NEC-UPC1237HA Datasheet
1Mb / 10P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
Renesas Technology Corp
UPC1237HA RENESAS-UPC1237HA Datasheet
1Mb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1986
More results

Similar Description - UPC1237

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1237 NEC-UPC1237 Datasheet
1Mb / 10P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
logo
NTE Electronics
NTE7100 NTE-NTE7100 Datasheet
21Kb / 2P
Integrated Circuit Protector IC for Stereo Power Amplifier
logo
Microsemi Corporation
LX1720 MICROSEMI-LX1720 Datasheet
176Kb / 6P
SWITCHING CLASS-D, STEREO POWER AMPLIFIER CONTROLLER IC
logo
AUK corp
SIP25M AUK-SIP25M Datasheet
185Kb / 4P
IC protector
logo
Panasonic Semiconductor
AN7082K PANASONIC-AN7082K Datasheet
289Kb / 5P
PRE/POWER AMPLIFIER GOVERNOR SINGLE CHIP IC FOR 3V HEADPHONE STEREO
logo
AUK corp
SIP25 AUK-SIP25 Datasheet
200Kb / 3P
IC protector
logo
Sanyo Semicon Device
LV4992TT SANYO-LV4992TT Datasheet
499Kb / 10P
Bi-CMOS IC For Portable Audio Equipment Stereo SE Power Amplifier
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
logo
Unisonic Technologies
UPC1237 UTC-UPC1237_15 Datasheet
212Kb / 5P
PROTECTOR IC FOR STEREO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com