Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02R Datasheet (PDF) - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
REF02R Datasheet PDF - Burr-Brown (TI)
Part # REF02R
Download  REF02R Download
File Size   317.18 Kbytes
Page   12 Pages
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)
Description 5V Precision VOLTAGE REFERENCE

REF02R Datasheet (PDF)

Go To PDF Page Download Datasheet
REF02R Datasheet PDF - Burr-Brown (TI)

Part # REF02R
Download  REF02R Click to download

File Size   317.18 Kbytes
Page   12 Pages
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)
Description 5V Precision VOLTAGE REFERENCE

REF02R Datasheet (HTML) - Burr-Brown (TI)




Similar Part No. - REF02R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02RC/883 AD-REF02RC/883 Datasheet
454Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
7/04-Data Sheet Changed from Rev. E to Rev. F
REF02RC/883 AD-REF02RC/883 Datasheet
584Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
12/05-Rev. H to Rev. I
REF02RC883 AD-REF02RC883 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF02RC883 AD-REF02RC883 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF02RE/883 AD-REF02RE/883 Datasheet
337Kb / 8P
5V Precision Voltage Reference/Temperature Trangsducer
More results


Similar Description - REF02R

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
5V PRECISION VOLTAGE REFERENCE
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
167Kb / 8P
Precision 5V Reference
RH1021-5 LINER-RH1021-5 Datasheet
137Kb / 4P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
5V Precision Voltage Reference
1996
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500_06 Datasheet
320Kb / 10P
Precision 5V micropower voltage reference
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
5V Precision VOLTAGE REFERENCE
logo
Linear Technology
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
Precision 5V Reference
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
5V Precision Voltage Reference
Rev 2; 7/04
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
5V Precision Voltage Reference
2004
More results




About Burr-Brown (TI)


Burr-Brown was an American company that was founded in 1956 and specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs).
The company was known for its expertise in analog technology, high-quality products, and innovation in the field of analog ICs.
Burr-Brown's product portfolio included a wide range of analog ICs for various applications such as data conversion, amplification, power management, and more.
In 2000, Burr-Brown was acquired by Texas Instruments, a leading provider of analog and digital semiconductors.
The Burr-Brown brand is no longer in use, but its products and technology continue to be a part of Texas Instruments' portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com