Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02R Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF02R
Description  5V Precision VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF02R Datasheet(HTML) 5 Page - Burr-Brown (TI)

  REF02R Datasheet HTML 1Page - Burr-Brown (TI) REF02R Datasheet HTML 2Page - Burr-Brown (TI) REF02R Datasheet HTML 3Page - Burr-Brown (TI) REF02R Datasheet HTML 4Page - Burr-Brown (TI) REF02R Datasheet HTML 5Page - Burr-Brown (TI) REF02R Datasheet HTML 6Page - Burr-Brown (TI) REF02R Datasheet HTML 7Page - Burr-Brown (TI) REF02R Datasheet HTML 8Page - Burr-Brown (TI) REF02R Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REF02
5
SBVS003B
www.ti.com
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, unless otherwise noted.
NORMALIZED LOAD REGULATION (
∆IL = 10mA)
vs TEMPERATURE
–60
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
Temperature (°C)
–40
–20
0
20
40
60
80
100
120
140
V
IN = 15V
NORMALIZED LINE REGULATION vs TEMPERATURE
–60
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
Temperature (°C)
–40
–20
0
20
40
60
80
100
120
140
REF02 V
OUT
Temperature
5.002
5.0015
5.001
5.0005
5
4.9995
4.999
4.9985
4.998
4.9975
–60
–40
–20
0
20
40
60
80
100
120
140
MAXIMUM LOAD CURRENT vs TEMPERATURE
Temperature (°C)
30
25
20
15
10
5
0
–60 –40
–20
0
20
40
60
80
100
120 140
V
IN = 15V
QUIESCENT CURRENT vs TEMPERATURE
Temperature (°C)
1.1
1.08
1.06
1.04
1.02
1.0
0.98
–60 –40
–20
0
20
40
60
80
100
120 140
V
IN = 15V
TYPICAL TEMPERATURE VOLTAGE OUTPUT
vs TEMPERATURE
Temperature (
°C)
–60 –40
–20
0
20
40
60
80
100
120 140
830
780
730
680
630
580
530
480
430
V
IN = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com