Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02R Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF02R
Description  5V Precision VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF02R Datasheet(HTML) 1 Page - Burr-Brown (TI)

  REF02R Datasheet HTML 1Page - Burr-Brown (TI) REF02R Datasheet HTML 2Page - Burr-Brown (TI) REF02R Datasheet HTML 3Page - Burr-Brown (TI) REF02R Datasheet HTML 4Page - Burr-Brown (TI) REF02R Datasheet HTML 5Page - Burr-Brown (TI) REF02R Datasheet HTML 6Page - Burr-Brown (TI) REF02R Datasheet HTML 7Page - Burr-Brown (TI) REF02R Datasheet HTML 8Page - Burr-Brown (TI) REF02R Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
+5V Precision
VOLTAGE REFERENCE
FEATURES
q OUTPUT VOLTAGE: +5V
±0.2% max
q EXCELLENT TEMPERATURE STABILITY:
10ppm/
°C max (–40°C to +85°C)
q LOW NOISE: 10
µV
PP max (0.1Hz to 10Hz)
q EXCELLENT LINE REGULATION:
0.01%/V max
q EXCELLENT LOAD REGULATION:
0.008%/mA max
q LOW SUPPLY CURRENT: 1.4mA max
q SHORT-CIRCUIT PROTECTED
q WIDE SUPPLY RANGE: 8V to 40V
q INDUSTRIAL TEMPERATURE RANGE:
–40
°C to +85°C
q PACKAGE OPTIONS: DIP-8, SO-8
APPLICATIONS
q PRECISION REGULATORS
q CONSTANT CURRENT SOURCE/SINK
q DIGITAL VOLTMETERS
q V/F CONVERTERS
q A/D AND D/A CONVERTERS
q PRECISION CALIBRATION STANDARD
q TEST EQUIPMENT
DESCRIPTION
The REF02 is a precision 5V voltage reference. The drift is
laser trimmed to 10ppm/
°C max over the extended industrial
and military temperature range. The REF02 provides a stable
5V output that can be externally adjusted over a
±6% range
with minimal effect on temperature stability. The REF02
operates from a single supply with an input range of 8V to 40V
with a very low current drain of 1mA, and excellent temperature
stability due to an improved design. Excellent line and load
regulation, low noise, low power, and low cost make the
REF02 the best choice whenever a 5V voltage reference is
required. Available package options are DIP-8 and SO-8. The
REF02 is an ideal choice for portable instrumentation,
temperature transducers, Analog-to-Digital (A/D) and Digital-
to-Analog (D/A) converters, and digital voltmeters.
V
OUT
REF02
V
IN
Trim
GND
+5V Reference with Trimmed Output
2
6
5
4
R
POT
10k
Ω
(Optional)
Output
3
Temp
REF02
REF0
2
REF02
SBVS003B – JANUARY 1993 – REVISED JANUARY 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1993-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - REF02R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02RC/883 AD-REF02RC/883 Datasheet
454Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
7/04-Data Sheet Changed from Rev. E to Rev. F
REF02RC/883 AD-REF02RC/883 Datasheet
584Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
12/05-Rev. H to Rev. I
REF02RC883 AD-REF02RC883 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF02RC883 AD-REF02RC883 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF02RE/883 AD-REF02RE/883 Datasheet
337Kb / 8P
5V Precision Voltage Reference/Temperature Trangsducer
More results

Similar Description - REF02R

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
5V PRECISION VOLTAGE REFERENCE
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
167Kb / 8P
Precision 5V Reference
RH1021-5 LINER-RH1021-5 Datasheet
137Kb / 4P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
5V Precision Voltage Reference
1996
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500_06 Datasheet
320Kb / 10P
Precision 5V micropower voltage reference
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
5V Precision VOLTAGE REFERENCE
logo
Linear Technology
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
Precision 5V Reference
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
5V Precision Voltage Reference
Rev 2; 7/04
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
5V Precision Voltage Reference
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com