Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB4500 Datasheet (PDF) - Calogic, LLC

CWB4500 Datasheet PDF - Calogic, LLC
Part # CWB4500
Download  CWB4500 Download
File Size   40.7 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description CMOS/DMOS Wideband High-Frequency Multiplexer

CWB4500 Datasheet (PDF)

Go To PDF Page Download Datasheet
CWB4500 Datasheet PDF - Calogic, LLC

Part # CWB4500
Download  CWB4500 Click to download

File Size   40.7 Kbytes
Page   4 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description CMOS/DMOS Wideband High-Frequency Multiplexer

CWB4500 Datasheet (HTML) - Calogic, LLC


CWB4500 Product details

DESCRIPTION
The CWB4500 is a very high performance Monolithic 4 Channel Wideband/Video Multiplexer designed for switching wide bandwidth analog and digital signals. The high speed, low ON resistance and low capacitance is achieved through Calogic’s proprietary CMOS/DMOS process that combines low-power CMOS control logic with very fast DMOS switching FETs.

FEATURES
• High OFF Isolation. . . . . . . . . . . . . . . . . > 62dB @ 10MHz
• Low Channel-to-Channel Crosstalk. . . > 80dB @ 10MHz
• TTL Capatible Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
• Low ON Resistance. . . . . . . . . . . . . . . . . . 40ohm typical
• Wide Bandwidth. . . . . . . . . . . . . . . . . . -3.0dB @ 100MHz
• High Speed Logic Control

APPLICATIONS
• RF and Video Switching
• High Speed Precision Data Acquisition
• ATE




Similar Part No. - CWB4500

ManufacturerPart #DatasheetDescription
logo
Clarke International
CWB450WS CLARKE-CWB450WS Datasheet
2Mb / 8P
BOLTLESS WORKSTATION
GC1016
More results


Similar Description - CWB4500

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
100MHz CMOS/DMOS Wideband Analog Switch
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
CMOS/DMOS High Speed Analog Switch
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
CMOS/DMOS Wideband Dual SPDT Analog Switch
logo
List of Unclassifed Man...
CDG4500 ETC1-CDG4500 Datasheet
243Kb / 3P
4-CHANNEL CMOS/DMOS HIGH-FREQUENCY MULTIPLEXER
logo
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
High Speed CMOS ANALOG MULTIPLEXER
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
High Speed CMOS ANALOG MULTIPLEXER
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
Wideband, Monolithic 4x1 Video Multiplexer
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
Wideband Differential 3:1 Multiplexer
December 21, 2011
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
Wideband Differential 3:1 Multiplexer
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com