Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB5341 Datasheet (PDF) - Calogic, LLC

CWB5341 Datasheet PDF - Calogic, LLC
Part # CWB5341
Download  CWB5341 Download
File Size   36.6 Kbytes
Page   3 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Dual Monolithic CMOS/DMOS T Configuration Analog Switch

CWB5341 Datasheet (PDF)

Go To PDF Page Download Datasheet
CWB5341 Datasheet PDF - Calogic, LLC

Part # CWB5341
Download  CWB5341 Click to download

File Size   36.6 Kbytes
Page   3 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Dual Monolithic CMOS/DMOS T Configuration Analog Switch

CWB5341 Datasheet (HTML) - Calogic, LLC


CWB5341 Product details

DESCRIPTION

The CWB5341 is a Dual Monolithic Analog Switch. Designed utilizing "T" switching techniques this device gives exceptionally low crosstalk and very high OFF isolation. The CWB5341 is built on the Calogic proprietary CMOS/DMOS process to achieve TTL compatibility with ultra low capacitance and superior switching performance.



FEATURES

• Ultra High OFF Isolation . . . . . . . . . . . . > 80dB @ 10MHz

• Low Channel-to-Channel Cross Talk . . . > 80dB @ 10MHz

• TTL Compatible Inputs

• Low ON Resistance. . . . . . . . . . . . . . . . . . . . . < 100ohms

• Wide Bandwidth. . . . . . . . . . . . . . . . . . . -1.0dB @ 50MHz



APPLICATIONS

• RF and Video Switching

• High Frequency Cross Points

• Video Routing

• Data Acquisition



 




Similar Part No. - CWB5341

ManufacturerPart #DatasheetDescription
logo
Clarke International
CWB57 CLARKE-CWB57 Datasheet
3Mb / 8P
WORKBENCH WITH DRAWER LOCKABLE CUPBOARD
LS0115
More results


Similar Description - CWB5341

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG200A TEMIC-DG200A Datasheet
74Kb / 5P
Monolithic Dual SPST CMOS Analog Switch
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB211 CALOGIC-CWB211 Datasheet
52Kb / 5P
100MHz CMOS/DMOS Wideband Analog Switch
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
CMOS/DMOS High Speed Analog Switch
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
CMOS/DMOS Wideband Dual SPDT Analog Switch
logo
Maxim Integrated Produc...
DG200A MAXIM-DG200A Datasheet
179Kb / 6P
Dual Monolithic SPST CMOS Analog Switch
19-0484; Rev 1; 5/96
logo
Vishay Siliconix
DG200A VISHAY-DG200A Datasheet
43Kb / 5P
Monolithic Dual SPST CMOS Analog Switch
05-Oct-00
DG200B VISHAY-DG200B Datasheet
103Kb / 6P
Monolithic Dual SPST CMOS Analog Switch
11-Jun-07
DG200AMIL VISHAY-DG200AMIL Datasheet
56Kb / 6P
Monolithic Dual SPST CMOS Analog Switch
05-Oct-00
DG200A_MIL VISHAY-DG200A_MIL Datasheet
59Kb / 6P
Monolithic Dual SPST CMOS Analog Switch
05-Oct-00
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com