Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5002N Datasheet (PDF) - Calogic, LLC

SD5002N Datasheet PDF - Calogic, LLC
Part # SD5002N
Download  SD5002N Download
File Size   37.49 Kbytes
Page   3 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description High-Speed DMOS Quad FET Analog Switch Arrays

SD5002N Datasheet (PDF)

Go To PDF Page Download Datasheet
SD5002N Datasheet PDF - Calogic, LLC

Part # SD5002N
Download  SD5002N Click to download

File Size   37.49 Kbytes
Page   3 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description High-Speed DMOS Quad FET Analog Switch Arrays

SD5002N Datasheet (HTML) - Calogic, LLC


SD5002N Product details

DESCRIPTION
The SD5000 Series are monolithic arrays of four bidirectional, high performance  analog switches manufactured with implanted high-speed, high-voltage and low resistance double-difused MOS (DMOS) process. The maximum threshold of 2V permits simple TTL and CMOS driving in small signal applications.

FEATURES
• Low PropagatiomTime . . . . . . . . . . . . . . . . . . . . 600 psec
• Low On Resistance
• Low Insertion Loss
• Low Capacitance:
  – Analog Input . . . . . . . . . . . . . . . . . . . . . . . . . .  3.5pF typ.
  – Input (Gate) . . . . . . . . . . . . . . . . . . . . . . . . . . .  2.4pF typ.
  – Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .  1.3pF typ.
  – Feedback. . . . . . . . . . . . . . . . . . . . . . . . . . . . .  0.3pF typ.
• Low Crosstalk . . . . . . . . . . . . . . . . . . . . .  -107dB @ 3kHz
• Bidirectional Operation

APPLICATIONS
• Analog Switching
• Audio Routing
• Sample & Hold
• Crosspoint Switches
• Choppers
• Video Switches




Similar Part No. - SD5002N

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD5002N CALOGIC-SD5002N Datasheet
45Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
More results


Similar Description - SD5002N

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
100MHz CMOS/DMOS Wideband Quad Analog Switch
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
CMOS/DMOS High Speed Analog Switch
logo
Maxim Integrated Produc...
HI-201HS MAXIM-HI-201HS Datasheet
213Kb / 8P
High-Speed, CMOS, Quad, SPST Analog Switch
19-0117; Rev 1; 11/94
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
High Speed Quad SPST Analog Switch
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
357Kb / 2P
HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS Datasheet
109Kb / 9P
High-Speed Quad SPST CMOS Analog Switch
06-Sep-99
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Calogic, LLC
SD5400CY-LF CALOGIC-SD5400CY-LF Datasheet
45Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
SD5400CY CALOGIC-SD5400CY_15 Datasheet
45Kb / 3P
High-Speed DMOS Quad FET Analog Switch Arrays
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
High Speed Quad SPST CMOS Analog Switch
23-Feb-2017
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com