Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP02U Datasheet (PDF) - C&D Technologies

LP02U Datasheet PDF - C&D Technologies
Part # LP02U
Download  LP02U Download
File Size   64.72 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER

LP02U Datasheet (PDF)

Go To PDF Page Download Datasheet
LP02U Datasheet PDF - C&D Technologies

Part # LP02U
Download  LP02U Click to download

File Size   64.72 Kbytes
Page   2 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER

LP02U Datasheet (HTML) - C&D Technologies


LP02U Product details

DESCRIPTION
The LP02U Series is designed specifically for low-cost Local Area Network applications. It provides isolated power for LAN transceiver devices. The product operates from either 5 or 12 volts input voltage and supplies an isolated -9 volts output.
The LP02U Series is housed in an industry standard 24-pin dual-in-line (DIP) package to permit upgrading of existing systems.
A 100kHz push-pull oscillator is used in the input stage, complementing the units high efficiency and low noise characteristics.

FEATURES
● 24-PIN DIP PACKAGE
● INTERNAL FILTERING
● LOW OUTPUT NOISE
● TEMPERATURE RANGE: -25°C TO +70°C
● SURFACE MOUNT CONSTRUCTION

APPLICATIONS
● ETHERNET ADAPTER CARDS
● CHEAPERNET LOCAL AREA NETWORKS (LANs)




Similar Part No. - LP02U

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
LP02U05S09C MURATA-PS-LP02U05S09C Datasheet
119Kb / 2P
Unregulated 2.25 Watt Dual-In-Line DC/DC Converter
2014
LP02U12S09C MURATA-PS-LP02U12S09C Datasheet
119Kb / 2P
Unregulated 2.25 Watt Dual-In-Line DC/DC Converter
2014
LP02UC MURATA-PS-LP02UC Datasheet
119Kb / 2P
Unregulated 2.25 Watt Dual-In-Line DC/DC Converter
2014
More results


Similar Description - LP02U

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL01U CANDD-HL01U Datasheet
54Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
2 WATT UNREGULATED DC/DC CONVERTER
PWR11XX CANDD-PWR11XX Datasheet
165Kb / 4P
1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
1.8 WATT UNREGULATED DC/DC CONVERTER
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
PWR1100C MURATA-PS-PWR1100C Datasheet
146Kb / 4P
1.5 Watt Unregulated Dual-in-Line DC/DC Converter
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com