Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP02U Datasheet(PDF) 1 Page - C&D Technologies

Part # LP02U
Description  UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

LP02U Datasheet(HTML) 1 Page - C&D Technologies

  LP02U Datasheet HTML 1Page - C&D Technologies LP02U Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LP02U 4/99 REV C
Page 1
LP02U
LP02U
LP02U
LP02U
LP02U
DESCRIPTION
The LP02U Series is designed specifically for low-cost Local
Area Network applications. It provides isolated power for LAN
transceiver devices. The product operates from either 5 or 12
volts input voltage and supplies an isolated -9 volts output.
The LP02U Series is housed in an industry standard 24-pin dual-
in-line (DIP) package to permit upgrading of existing systems.
A 100kHz push-pull oscillator is used in the input stage,
complementing the units high efficiency and low noise charac-
teristics.
The LP02U Series offers the user a cost effective solution
without sacrificing reliability. A highly auto-
mated manufacturing process is employed in
which all components are surface mounted and
reflow-soldered, eliminating any hand-solder-
ing during construction. This dramatically re-
duces unit variation and improves reliability.
PACKAGE/PINOUT "K"
LP02U
NOTES:
All dimensions are in inches
(millimeters).
PIN CONNECTIONS
FUNCTION
PINS
+VIN
1 & 24
-VIN
12 & 13
+VOUT
11 & 14
-VOUT
10 & 15
MECHANICAL
q
q
q
q
q 24-PIN DIP PACKAGE
q
q
q
q
q INTERNAL FILTERING
q
q
q
q
q LOW OUTPUT NOISE
q
q
q
q
q TEMPERATURE RANGE: -25°C TO +70°C
q
q
q
q
q SURFACE MOUNT CONSTRUCTION
APPLICATIONS
q
q
q
q
q ETHERNET ADAPTER CARDS
q
q
q
q
q CHEAPERNET LOCAL AREA
NETWORKS (LANs)
FEATURES
SIDE
VIEW
TOP
VIEW
SIDE
VIEW
UNREGULATED 2.25 WATT
DUAL-IN-LINE DC/DC CONVERTER
Product Data Sheet
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141


Similar Part No. - LP02U

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
LP02U05S09C MURATA-PS-LP02U05S09C Datasheet
119Kb / 2P
Unregulated 2.25 Watt Dual-In-Line DC/DC Converter
2014
LP02U12S09C MURATA-PS-LP02U12S09C Datasheet
119Kb / 2P
Unregulated 2.25 Watt Dual-In-Line DC/DC Converter
2014
LP02UC MURATA-PS-LP02UC Datasheet
119Kb / 2P
Unregulated 2.25 Watt Dual-In-Line DC/DC Converter
2014
More results

Similar Description - LP02U

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL01U CANDD-HL01U Datasheet
54Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
2 WATT UNREGULATED DC/DC CONVERTER
PWR11XX CANDD-PWR11XX Datasheet
165Kb / 4P
1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
1.8 WATT UNREGULATED DC/DC CONVERTER
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
PWR1100C MURATA-PS-PWR1100C Datasheet
146Kb / 4P
1.5 Watt Unregulated Dual-in-Line DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com