Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP02U Datasheet(PDF) 2 Page - C&D Technologies

Part # LP02U
Description  UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

LP02U Datasheet(HTML) 2 Page - C&D Technologies

  LP02U Datasheet HTML 1Page - C&D Technologies LP02U Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LP02U 4/99 REV C
Page 2
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
I
LOAD (mA)
LP02U xxyzz
K
/H
LOAD PERFORMANCE CURVE
0
50
100
150
200
250
11.4
11.2
11
10.8
10.6
10.4
10.2
10
9.8
9.6
9.4
9.2
9
8.8
Device Family
Indicates Lan Enabled 2 Watt Regulated Unit
Model Number
Selected from Table of Electrical Characteristics
Where:
xx = Input Voltage
y = Number of Outputs (Single "S")
zz = Output Voltage
Package Option
Screening Option
ORDERING INFORMATION
Output Short-Circuit Duration...............................................................1 second
Internal Power Dissipation ............................................................................1W
Lead Temperature (soldering, 10 seconds max)....................................+300°C
ABSOLUTE MAXUMUM RATINGS
ELECTRICAL SPECIFICATIONS
Nominal
Rated
Rated
Input Current
Input
Output
Output
Voltage
Voltage
Current
No Load
Rated Load
Efficiency
Model
(VDC)
(VDC)
(mA)
(mA)
(mA)
(%)
LP02U05S09
5
9
250
50
568
80
LP02U12S09
12
9
250
30
240
77
NOTE: Other input to output voltage options may be available. Please consult factory.
COMMON SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
LP02U05S09
4.75
5
5.25
VDC
LP02U12S09
11.4
12
12.6
VDC
Voltage Rise Time
ISOLATION
Rated Voltage
500
Vrms
Test Voltage
60Hz, 10 Seconds
500
Vpk
Resistance
1
GW
Capacitance
30
pF
OUTPUT
Rated Power
2.25
W
Voltage Setpoint Accuracy
I
LOAD =200mA
±3
%
Ripple & Noise
BW = DC to 10MHz
30
mVp-p
BW =DC to 2MHz
3
mVrms
Line Regulation
High Line to Low Line
1.15
%/%
Load Regulation
25mA<I
LOAD <200mA
±10
%
GENERAL
Switching Frequency
100
KHz
Package Weight
6
g
MTTF per MIL-HDBK-217, Rev. E
*
Circuit Stress Method
Ground Benign
T
A = +25°C
3.0
MHr
T
A = +70°C
700
KHr
TEMPERATURE
Specification
-25
+25
+70
°C
Operation
-55
+85
°C
Storage
-55
+100
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com