Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1990R-F3 Datasheet (PDF) - Maxim Integrated Products

DS1990R-F3 Datasheet PDF - Maxim Integrated Products
Part # DS1990R-F3
Download  DS1990R-F3 Download
File Size   162.24 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serial Number iButton

DS1990R-F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1990R-F3 Datasheet PDF - Maxim Integrated Products

Part # DS1990R-F3
Download  DS1990R-F3 Click to download

File Size   162.24 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serial Number iButton

DS1990R-F3 Datasheet (HTML) - Maxim Integrated Products


DS1990R-F3 Product details

General Description
The DS1990R serial number iButton® is a rugged data carrier that serves as an electronic registration number for automatic identification. Data is transferred serially through the 1-Wire® protocol, which requires only a single data lead and a ground return. Every DS1990R is factory lasered with a guaranteed unique 64-bit registration number that allows for absolute traceability. The durable stainless-steel iButton package is highly resistant to environmental hazards such as dirt, moisture, and shock. Its compact coin-shaped profile is self aligning with mating receptacles, allowing the DS1990R to be used easily by human operators. Accessories enable the DS1990R iButton to be mounted on almost any object, including containers, pallets, and bags.
The DS1990R is a fully compatible variant of the DS1990A. In applications where a presence pulse on contact is critical, the DS1990R should be preferred over the DS1990A.

Features
♦ Upgrade of DS1990A Guarantees Presence Pulse on Contact
♦ Can Be Read in Less Than 5ms
♦ Operating Range: 2.8V to 6.0V, -40°C to +85°C

Common iButton Features
♦ Unique Factory-Lasered 64-Bit Registration Number Ensures Error-Free Device Selection and Absolute Traceability Because No Two Parts are Alike
♦ Built-In Multidrop Controller for 1-Wire Net
♦ Digital Identification by Momentary Contact
♦ Data Can Be Accessed While Affixed to Object
♦ Economically Communicates to Bus Master with a Single Digital Signal at 16.3kbps
♦ Button Shape is Self-Aligning with Cup-Shaped Probes
♦ Durable Stainless-Steel Case Engraved with Registration Number Withstands Harsh Environments
♦ Easily Affixed with Self-Stick Adhesive Backing, Latched by its Flange, or Locked with a Ring Pressed Onto its Rim
♦ Presence Detector Acknowledges When Reader First Applies Voltage

Applications
   Access Control
   Work-In-Progress Tracking
   Tool Management
   Inventory Control




Similar Part No. - DS1990R-F3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
Serial Number iButton
Rev 4; 8/10
More results


Similar Description - DS1990R-F3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1413 DALLAS-DS1413 Datasheet
115Kb / 1P
Passive Serial Port iButton Holder
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
Serial Number iButton
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
Silicon Serial Number
DS1411 DALLAS-DS1411 Datasheet
50Kb / 1P
Serial Port iButton Holder
DS9105 DALLAS-DS9105 Datasheet
113Kb / 1P
iButton Number Set
logo
Maxim Integrated Produc...
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
Serial Number iButton
Rev: 10/08
DS1413 MAXIM-DS1413 Datasheet
163Kb / 2P
Passive Serial Port iButton Holder
8/09
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
Serial Number iButton
Rev 4; 8/10
logo
Dallas Semiconductor
DS9105 DALLAS-DS9105_09 Datasheet
56Kb / 2P
iButton Number Set
logo
Maxim Integrated Produc...
DS1411-009 MAXIM-DS1411-009 Datasheet
58Kb / 2P
Serial Port iButton Holder
Rev 6/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com