Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD237 Datasheet (PDF) - Unisonic Technologies

BD237 Datasheet PDF - Unisonic Technologies
Part # BD237
Download  BD237 Download
File Size   113.02 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 80V, NPN TRANSISTORS

BD237 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD237 Datasheet PDF - Unisonic Technologies

Part # BD237
Download  BD237 Click to download

File Size   113.02 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 80V, NPN TRANSISTORS

BD237 Datasheet (HTML) - Unisonic Technologies


BD237 Product details

DESCRIPTION
The UTC BD237 is an NPN transistor. it uses UTC’s advanced technology to provide customers with high collector-emitter breakdown voltage, etc.

FEATURES
* Complement to UTC BD238 respectively
* High collector-emitter breakdown voltage




Similar Part No. - BD237

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD237 MOTOROLA-BD237 Datasheet
104Kb / 4P
Plastic Medium Power Silicon NPN Transistor
logo
STMicroelectronics
BD237 STMICROELECTRONICS-BD237 Datasheet
75Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-1997
logo
Fairchild Semiconductor
BD237 FAIRCHILD-BD237 Datasheet
38Kb / 4P
Medium Power Linear and Switching Applications
logo
List of Unclassifed Man...
BD237 ETC1-BD237 Datasheet
1Mb / 2P
TO-126 Plastic-Encapsulate Transistors
logo
Weitron Technology
BD237 WEITRON-BD237 Datasheet
180Kb / 3P
NPN Epitaxial Planar Transistors
More results


Similar Description - BD237

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
Midium Power Transistors (-80V / -1.5A)
2SAR514R ROHM-2SAR514R Datasheet
372Kb / 6P
Midium Power Transistors (-80V / -0.7A)
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
Midium Power Transistors (80V / 0.7A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
Midium Power Transistors (-80V / -2.5A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
Midium Power Transistors (80V / 1.5A)
logo
Diodes Incorporated
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
80V NPN MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
logo
Unisonic Technologies
BD237 UTC-BD237_15 Datasheet
122Kb / 3P
80V, NPN TRANSISTORS
logo
Nexperia B.V. All right...
BC54PAS NEXPERIA-BC54PAS Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
logo
Diodes Incorporated
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
logo
Nexperia B.V. All right...
BC54PAS_SER NEXPERIA-BC54PAS_SER Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com