Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13003L-H-G-T92-R Datasheet (PDF) - Unisonic Technologies

MJE13003L-H-G-T92-R Datasheet PDF - Unisonic Technologies
Part # MJE13003L-H-G-T92-R
Download  MJE13003L-H-G-T92-R Download
File Size   378.75 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description NPN SILICON POWER TRANSISTOR

MJE13003L-H-G-T92-R Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE13003L-H-G-T92-R Datasheet PDF - Unisonic Technologies

Part # MJE13003L-H-G-T92-R
Download  MJE13003L-H-G-T92-R Click to download

File Size   378.75 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description NPN SILICON POWER TRANSISTOR

MJE13003L-H-G-T92-R Datasheet (HTML) - Unisonic Technologies


MJE13003L-H-G-T92-R Product details

DESCRIPTION
These devices are designed for high-voltage, high-speed power switching inductive circuits where fall time is critical. They are particularly suited for 115 and 220V applications in switch mode.

FEATURES
* Reverse biased SOA with inductive load @ TC=100°C
* Inductive switching matrix 0.5 ~ 1.5 Amp, 25 and 100°C
   Typical tC = 290ns @ 1A, 100°C.
* 900V blocking capability

APPLICATIONS
* Switching regulator’s, inverters
* Motor controls
* Solenoid/relay drivers
* Deflection circuits






Similar Part No. - MJE13003L-H-G-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13003L-H-T6C-K UTC-MJE13003L-H-T6C-K Datasheet
405Kb / 9P
NPN SILICON POWER TRANSISTOR
MJE13003L-H-X-T60-K UTC-MJE13003L-H-X-T60-K Datasheet
378Kb / 8P
NPN SILICON POWER TRANSISTOR
MJE13003L-H-X-T6C-A-K UTC-MJE13003L-H-X-T6C-A-K Datasheet
378Kb / 8P
NPN SILICON POWER TRANSISTOR
MJE13003L-H-X-T6C-K UTC-MJE13003L-H-X-T6C-K Datasheet
378Kb / 8P
NPN SILICON POWER TRANSISTOR
MJE13003L-H-X-T6S-K UTC-MJE13003L-H-X-T6S-K Datasheet
378Kb / 8P
NPN SILICON POWER TRANSISTOR
More results


Similar Description - MJE13003L-H-G-T92-R

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com