Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-PS7500FE Datasheet (PDF) - Cirrus Logic

CL-PS7500FE Datasheet PDF - Cirrus Logic
Part # CL-PS7500FE
Download  CL-PS7500FE Download
File Size   2367.04 Kbytes
Page   251 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description System-on-a Chip for Internet Appliance

CL-PS7500FE Datasheet (PDF)

Go To PDF Page Download Datasheet
CL-PS7500FE Datasheet PDF - Cirrus Logic

Part # CL-PS7500FE
Download  CL-PS7500FE Click to download

File Size   2367.04 Kbytes
Page   251 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description System-on-a Chip for Internet Appliance

CL-PS7500FE Datasheet (HTML) - Cirrus Logic


CL-PS7500FE Product details

OVERVIEW
The Cirrus Logic CL-PS7500FE is designed to be used in internet appliances such as the network computer, smart-TV, intranet terminal, screen phones, DVD players, and so on.

FEATURES
■ Available in 56- and 40-MHz speed grades
■ System-on-a-chip solution
    — 32-bit ARM7 processor with MMU
    — 4K unified cache
    — FPU (floating point unit)
    — Graphics controller drives CRT or LCD
    — CD-quality sound audio controller
    — DRAM controller
    — ROM/Flash controller
    — Three-channel DMA for video, cursor, and sound
    — PC-style I/O bus
    — Two-state power management
    — Eight general-purpose I/O lines
■ Performance
    — 50 Vax-MIPS (Dhrystone) at 56 MHz
    — Up to 12 Mflops, double-precision FP (LINPACK)
■ FPU
    — Implements ANSI/IEEE Std 754-1985
    — Single, double, and extended precision




Similar Part No. - CL-PS7500FE

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CL-PS7110 CIRRUS-CL-PS7110 Datasheet
1Mb / 82P
Low-Power System-on-a-Chip
Version 1.5 May 1997
CL-PS7110-VC-A CIRRUS-CL-PS7110-VC-A Datasheet
1Mb / 82P
Low-Power System-on-a-Chip
Version 1.5 May 1997
CL-PS7110-VI-A CIRRUS-CL-PS7110-VI-A Datasheet
1Mb / 82P
Low-Power System-on-a-Chip
Version 1.5 May 1997
CL-PS7111 CIRRUS-CL-PS7111 Datasheet
1Mb / 105P
Low-Power System-on-a-Chip
CL-PS7111-VC-A CIRRUS-CL-PS7111-VC-A Datasheet
1Mb / 105P
Low-Power System-on-a-Chip
More results


Similar Description - CL-PS7500FE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCCONSUMER-II STMICROELECTRONICS-STPCCONSUMER-II Datasheet
1Mb / 93P
X86 Core PC Compatible Information Appliance System-on-Chip
29-Jan-2002
logo
ATMEL Corporation
AT75C221 ATMEL-AT75C221 Datasheet
556Kb / 23P
Smart Internet Appliance Processor
AT75C320 ATMEL-AT75C320 Datasheet
193Kb / 13P
Smart Internet Appliance Processor
AT75C310 ATMEL-AT75C310 Datasheet
187Kb / 12P
Smart Internet Appliance Processor
AT75C220 ATMEL-AT75C220 Datasheet
1Mb / 144P
Smart Internet Appliance Processor(SIAP)
logo
Freescale Semiconductor...
MC9S12UF32 FREESCALE-MC9S12UF32 Datasheet
1Mb / 128P
System on a Chip Guide V01.05
logo
ATMEL Corporation
AT75C ATMEL-AT75C Datasheet
1Mb / 171P
Smart Internet Appliance Processor (SIAP)
logo
National Semiconductor ...
SC1100 NSC-SC1100 Datasheet
2Mb / 348P
Geode??Information Appliance On a Chip
logo
Zoran Corporation
ZR391055 ZORAN-ZR391055 Datasheet
66Kb / 2P
Integrated DTV System On a Chip
logo
Infineon Technologies A...
PSB21553E INFINEON-PSB21553E Datasheet
198Kb / 2P
VoIP System on a Chip
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com