Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22230 Datasheet (PDF) - Cirrus Logic

CS22230 Datasheet PDF - Cirrus Logic
Part # CS22230
Download  CS22230 Download
File Size   253.69 Kbytes
Page   29 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description WIRELESS PCI/USB CONTROLLER

CS22230 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS22230 Datasheet PDF - Cirrus Logic

Part # CS22230
Download  CS22230 Click to download

File Size   253.69 Kbytes
Page   29 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description WIRELESS PCI/USB CONTROLLER

CS22230 Datasheet (HTML) - Cirrus Logic


CS22230 Product details

Description
The Cirrus Logic CS22230 Wireless Network Controller enables high speed, 11 Mbps digital wireless connectivity for a variety of platforms including embedded systems, mobile applications, and other cost sensitive applications capable of supporting a standard Mini PCI or USB interface.

Features
Embedded ARM Core and System Support Logic
• High Performance ARM7TDMI RISC processor core at 77MHz
• 4KB integrated, one-way set associative, unified, write through cache
• Individual interrupt for each functional block
• Two 23-bit programmable (periodic or one-shot) general purpose timers
• 8 Dword (32-bits) memory write and read buffers for high system performance
• Abort cycle detection and reporting for debugging
• ARM performance monitoring function for system fine-tuning
• Programmable performance improvement logic based on system configuration
• Flexible independent DMA engines for Mini PCI and Digital Radio functional units

Enhanced Memory Controller Unit
• Programmable memory controller unit supporting SDRAM /async SRAM/boot ROM interface
• 16-bit data bus with 12-bit address supporting up to 4MB at up to 103MHz SDRAM
• 8-bit data bus with addressing support up to 1MB of boot ROM/Flash
• Programmable SDRAM timing and size parameters such as CAS latencies and number of banks columns and rows

FEC codec
• High performance Reed-Solomon coding for error correction (255:239 block coding)
• Reduces symbol error probability of a typical 10e-3 error rate environment to 10e-9
• Programmable rate FEC engine to optimize channel efficiency
• Low latency, fully pipelined hardware encoding and decoding. Support byte wise single cycle throughput up to 77MHz, with a sustain rate of 77MBps.
• Double buffering (64 Dword read/write buffer) to enhance system performance
• On the fly configuration of encoder and decoder

Digital Wireless Radio MAC
• Glue-less interface to 802.11b radio baseband transceiver
• 11Mbps data rate
• 32 Dword transmit/receive FIFO
• Supports clear channel assessment (CCA)

Power Management
• Host (Mini PCI) ACPI compliant
• Remote USB host wakeup
• Supports variable rate radio transmit, receive and standby radio power modes through two DACs

Clock and PLL Interface
• Single 44MHz crystal oscillator reference clock for Mini PCI version. 48MHz reference clock required in USB option.
• Internal PLL to generate internal and on board clocks

USB Controller Interface
• 12 Mbps USB 1.1 compliant device
• Supports 1 to 16 endpoints, endpoints can be bulk, isochronous or interrupt
• Variable endpoint buffer depths providing maximum flexibility for endpoint configurations
• Flexible configuration programming via EEPROM or firmware download
• Remote host wakeup

Mini PCI Controller Interface
• 33MHz 5V/3.3V Mini PCI 2.2 compliant master/target 32-bit data interface
• ARM communication with Mini PCI controller through simple mailbox scheme
• Generic Mini PCI controller programming interface
• Flexible configuration programming via EEPROM

Chip Processing and Packaging
• 208 MQFP package and 0.18 um state-of-the-art CMOS process
• 1.8 V core for low power consumption. 3.3V I/O and 5V tolerant




Similar Part No. - CS22230

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS22210 CIRRUS-CS22210 Datasheet
314Kb / 31P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22220 CIRRUS-CS22220 Datasheet
282Kb / 34P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22250 CIRRUS-CS22250 Datasheet
253Kb / 32P
WIRELESS 10BT CONTROLLER
Rev. 3.0
More results


Similar Description - CS22230

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS22210 CIRRUS-CS22210 Datasheet
314Kb / 31P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22220 CIRRUS-CS22220 Datasheet
282Kb / 34P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
logo
List of Unclassifed Man...
VT83C572 ETC-VT83C572 Datasheet
53Kb / 9P
PCI TO USB CONTROLLER
logo
Intersil Corporation
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
PCMCIA/USB Wireless LAN Medium Access Controller
April 2001
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
PCMCIA/USB Wireless LAN Medium Access Controller
June 2001
logo
NXP Semiconductors
ISP1562 NXP-ISP1562 Datasheet
452Kb / 94P
Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1563 NXP-ISP1563 Datasheet
486Kb / 103P
Hi-Speed USB PCI host controller
Rev. 03-18 November 2008
ISP1564 NXP-ISP1564 Datasheet
492Kb / 99P
Hi-Speed USB PCI host controller
Rev. 02-13 November 2008
logo
PLX Technology
USB3380 PLX-USB3380 Datasheet
117Kb / 2P
PCI Express to USB 3.0 Peripheral Controller
logo
VIA Technologies, Inc.
VT6212 VIA-VT6212 Datasheet
452Kb / 26P
PCI USB 2.0 Controller
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com