Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22250 Datasheet (PDF) - Cirrus Logic

CS22250 Datasheet PDF - Cirrus Logic
Part # CS22250
Download  CS22250 Download
File Size   253.84 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description WIRELESS 10BT CONTROLLER

CS22250 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS22250 Datasheet PDF - Cirrus Logic

Part # CS22250
Download  CS22250 Click to download

File Size   253.84 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description WIRELESS 10BT CONTROLLER

CS22250 Datasheet (HTML) - Cirrus Logic


CS22250 Product details

Introduction
The Cirrus Logic CS22250 Wireless Network Controller enables high speed, 11 Mbps digital wireless data connectivity for wireless Ethernet bridge, access points, and other broadband applications.

Features
Embedded ARM Core and System Support Logic
• High Performance ARM7TDMI RISC processor core up to 77MHz
• 4KB integrated, one-way set associative, unified, write through cache
• Individual interrupt for each functional block
• Two 23-bit programmable (periodic or one-shot) general purpose timers
• 8 Dword (32-bits) memory write and read buffers for high system performance
• Abort cycle detection and reporting for debugging
• ARM performance monitoring function for system fine-tuning
• Programmable performance improvement logic based on system configuration.

Enhanced Memory Controller Unit
• Programmable memory controller unit supporting SDRAM /async SRAM/boot ROM/Flash interface
• 16-bit data bus with 12-bit address supporting up to 4MB and up to 103 MHz (100/133MHz SDRAM)
• 8-bit data bus with addressing support up to 1MB of boot ROM/Flash
• Programmable SDRAM timing and size parameters, such as CAS latencies and number of banks, columns and rows
• Flexible independent DMA engines for Ethernet MAC, Digital Radio and External Bus functional units

FEC codec
• High performance Reed-Solomon coding for error correction (255:239 block coding)
• Reduces error probability of a typical 10e-3 error rate environment to 10e-9
• Programmable rate FEC engine to optimize channel efficiency
• Low latency, fully pipelined hardware encoding and decoding. Supports byte-wise single cycle throughput up to 77MHz, with a sustain rate of 77MBps
• Double buffering (63 Dword read/write buffer) to enhance system performance

Digital Wireless Radio MAC
• Glue-less interface to 802.11b radio baseband transceiver
• 11Mbps data rate
• 32 Dword transmit/receive FIFO
• Supports clear channel assessment (CCA)

Ethernet Interface
• IEEE802.3 Ethernet MAC controller
• Two independent full-duplex DMA channels transfer between Ethernet interface to system memory
• Standard 7-pin serial interfaces to AUI or Twisted Pair 10-BaseT
• Standard half-duplex CSMA/CD and full-duplex operation

USB Device Configuration Interface
• USB 1.1 compliant




Similar Part No. - CS22250

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS22210 CIRRUS-CS22210 Datasheet
314Kb / 31P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22220 CIRRUS-CS22220 Datasheet
282Kb / 34P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22230 CIRRUS-CS22230 Datasheet
253Kb / 29P
WIRELESS PCI/USB CONTROLLER
Rev. 1.0
More results


Similar Description - CS22250

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS22210 CIRRUS-CS22210 Datasheet
314Kb / 31P
WIRELESS PCI/USB CONTROLLER
Rev. 3.0
CS22230 CIRRUS-CS22230 Datasheet
253Kb / 29P
WIRELESS PCI/USB CONTROLLER
Rev. 1.0
logo
Mitel Networks Corporat...
WL102B MITEL-WL102B Datasheet
138Kb / 9P
Wireless Data Controller
logo
Zarlink Semiconductor I...
WL102B ZARLINK-WL102B Datasheet
369Kb / 10P
Wireless Data Controller
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
WIRELESS UART CONTROLLER
logo
Level One
WAC-1000 LVL1-WAC-1000 Datasheet
1,006Kb / 4P
Wireless LAN Controller
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
Wireless Remote Controller/Transmitter
logo
Infineon Technologies A...
XMC0001SC-Q040X INFINEON-XMC0001SC-Q040X Datasheet
1Mb / 41P
Wireless Power Controller Series
V1.3, 2019-05
logo
Microchip Technology
WINC3400 MICROCHIP-WINC3400 Datasheet
923Kb / 2P
Wireless Network Controller
2015
logo
Infineon Technologies A...
XMCXXXXSC-Q040X INFINEON-XMCXXXXSC-Q040X Datasheet
1Mb / 41P
Wireless Power Controller Series
V1.3, 2019-05
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com