Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22250 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS22250
Description  WIRELESS 10BT CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22250 Datasheet(HTML) 3 Page - Cirrus Logic

  CS22250 Datasheet HTML 1Page - Cirrus Logic CS22250 Datasheet HTML 2Page - Cirrus Logic CS22250 Datasheet HTML 3Page - Cirrus Logic CS22250 Datasheet HTML 4Page - Cirrus Logic CS22250 Datasheet HTML 5Page - Cirrus Logic CS22250 Datasheet HTML 6Page - Cirrus Logic CS22250 Datasheet HTML 7Page - Cirrus Logic CS22250 Datasheet HTML 8Page - Cirrus Logic CS22250 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
CS22250 Wireless 10BT Controller
3 of 32
DS551PP2
Rev. 3.0
www.cirrus.com
2
Features and Benefits
Power Management
•
ACPI compliant
•
Programmable sleep timer for ARM core and system power management
•
Independent power management control for individual functional blocks
•
Supports variable rate radio transmit, receive and standby radio power modes
Clock and PLL Interface
•
Single 44MHz crystal oscillator reference clock
•
Internal PLL to generate internal and on board clocks
Chip Processing and Packaging
•
208 FPBGA package and 0.18um state of the art CMOS process
•
1.8 V core for low power consumption. 3.3V I/O
High Speed Parallel Interface
•
Multi-purpose 32bit bus for connecting with other high speed devices
•
Supports operations at ½ the speed of the ARM clock (up to 38MHz)
•
Two independent full-duplex DMA channels transfer between external devices to ARM
system memory
•
Supports one external interrupt pin to the ARM core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com