Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22250 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS22250
Description  WIRELESS 10BT CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22250 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS22250 Datasheet HTML 23Page - Cirrus Logic CS22250 Datasheet HTML 24Page - Cirrus Logic CS22250 Datasheet HTML 25Page - Cirrus Logic CS22250 Datasheet HTML 26Page - Cirrus Logic CS22250 Datasheet HTML 27Page - Cirrus Logic CS22250 Datasheet HTML 28Page - Cirrus Logic CS22250 Datasheet HTML 29Page - Cirrus Logic CS22250 Datasheet HTML 30Page - Cirrus Logic CS22250 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
CS22250 Wireless 10BT Controller
27 of 32
DS551PP2
Rev. 3.0
www.cirrus.com
Table 6. DC Characteristics
Symbol Parameter
Condition
Min
Typ.
Max
Units
VIL
Voltage Input Low
-0.50
0.3 * VDD
V
VIH
Voltage Input High
0.7 * VDD
VDD +0.3
V
VOL
Voltage Output Low
IOL = 800
µA
VSS +0.1
V
VOH
Voltage Output High
IOH = 800
µA
VSS -0.1
V
IIL
Input Leakage Current
VIN =VSS or VDD
-10
10
µA
IOZ
3-State Output Leakage Current VOH =VSS or VDD
-10
10
µA
IDD
IEE
Dynamic Supply Current
Note 1
VDD =3.3V
VDD =1.8V
22
123
mA
5.1
AC Characteristics and Timing
Table 7. System Memory Interface Timings
Parameter
Parameter Description
Min
Max
Units
tdSMD
SMCLK to SMD[31:0] output delay
7
ns
tdSMA
SMCLK to SMA[11:0] output delay
4.7
ns
tdSMDQM
SMCLK to SMDQM[3:0] output delay
5.1
ns
tdSMNCS
SMCLK to SMNCS[1:0] output delay
4.1
ns
tdSMNWE
SMCLK to SMNWE output delay
4.5
ns
tdSMCKE
SMCLK to SMCKE output delay
4.3
ns
tdSMNCAS
SMCLK to SMNCAS output delay
4.0
ns
tdSMNRAS
SMCLK to SMNRAS output delay
5.0
ns
TperSMCLK
SMCLK period
72
103
ns
TsuSMD
SMD[31:0] setup to SMCLK
1.0
ns
ThSMD
SMD[31:0] hold from SMCLK
2.4
ns
Notes:
1.
Outputs are loaded with 35pf on SMD, 25pf on SMA, SMDQM, SMNRAS, and SMNCAS and 20pf
on SMCLK, SMNCS, and SMCKE.
2.
An attempt has been made to balance the setup time needed by the SDRAM and the setup needed
by CS22210 to read data. If there is a problem meeting setup on the SDRAM, there is a
programmable delay line on SMCLK which can help meet the setup time. Care must be taken,
however, not to violate the setup on the return read data. The delay can be increased by a multiple
of 0.25ns by using the SMA[11:09] pins to selectively set the clock delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com