Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22250 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS22250
Description  WIRELESS 10BT CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22250 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS22250 Datasheet HTML 3Page - Cirrus Logic CS22250 Datasheet HTML 4Page - Cirrus Logic CS22250 Datasheet HTML 5Page - Cirrus Logic CS22250 Datasheet HTML 6Page - Cirrus Logic CS22250 Datasheet HTML 7Page - Cirrus Logic CS22250 Datasheet HTML 8Page - Cirrus Logic CS22250 Datasheet HTML 9Page - Cirrus Logic CS22250 Datasheet HTML 10Page - Cirrus Logic CS22250 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
CS22250 Wireless 10BT Controller
7 of 32
DS551PP2
Rev. 3.0
www.cirrus.com
3.2
Digital Wireless Radio Interface
The CS22250 digital radio MAC I/F supports multiple radio baseband and RF interfaces.
The baseband registers can be programmed during the configuration time using the
control port interface. The MAC also provides the capability of programming the signal,
service and length on a per packet basis without ARM intervention. This significantly
improves the performance of the system.
There are three primary digital interface ports for the CS22250 that are used for
configuration and during normal operation.
These ports are:
•
The Control Port, which is used to configure, set power consumption modes, write
and/or read the status of the radio base band registers
•
The TX Port, which is used to output the data that needs to be transmitted from the
network processor
•
The RX Port, which is used to input the received demodulated data to the network
processor
3.3
FEC Codec
The FEC codec performs Reed-Solomon code encoding to protect the data before it is
transmitted to a noisy channel. It is a similar code as employed by the digital broadcast
industry, such as ITU-T J.83 for DVB. The RS(255, 239) code implemented by the
CS22250 can reduce error probability to 1/10e-9 in a typical 1/10e-3 error rate
environment. The encoder/decoder can be programmed to vary the coding block length
(N) and correctable error (t) to optimize the tradeoff between channel utilization and data
protection. The range of N is currently set from 20 to 255, and the t is 8. The symbol size
is fixed at 8 bits.
Coding parameters can be set real time, allowing maximum flexibility for the system to
adjust the FEC setting, such as block size, in order to optimize channel efficiency. The
encoder also has a very low latency of two cycles. Both the encoder and decoder are
fully pipelined in structure to achieve single cycle throughput. The FEC can be disabled in
firmware.
3.4
High Speed Parallel Interface
This optional connectivity interface is the extension of the ARM control bus brought
outside of the CS22250 chip. In order to reduce the pin count, address and data are
multiplexed in a 32-bit address/data External Control Bus. For ease of connecting other
devices to the CS22250, this bus runs at half the speed of the internal ARM control bus.
The external control Bus interface exchanges data with the main memory via DMAC
(DMA controller block). This functional block supports two DMA engines for full duplex
operation. Moreover, one external interrupt pin is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com