Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22250 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS22250
Description  WIRELESS 10BT CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22250 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS22250 Datasheet HTML 12Page - Cirrus Logic CS22250 Datasheet HTML 13Page - Cirrus Logic CS22250 Datasheet HTML 14Page - Cirrus Logic CS22250 Datasheet HTML 15Page - Cirrus Logic CS22250 Datasheet HTML 16Page - Cirrus Logic CS22250 Datasheet HTML 17Page - Cirrus Logic CS22250 Datasheet HTML 18Page - Cirrus Logic CS22250 Datasheet HTML 19Page - Cirrus Logic CS22250 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
CS22250 Wireless 10BT Controller
16 of 32
DS551PP2
Rev. 3.0
www.cirrus.com
PLL and Clock Interface
There are three clock pins and five PLL power pins for a total of 8 signals in this interface.
XTAL_CLKIN
Input
44 MHz Reference clock input/crystal clock input.
XTALOUT
Output
Reference crystal clock output.
XTRACLK
Input
Second clock input to clock module. Use depending on clock module
configuration setting. Refer to the clock section for more information.
PLLAGND
Input
Analog PLL ground.
PLLAVCC
Input
Analog PLL power. 3.3V input.
PLLDGND
Input
Digital PLL ground.
PLLDVCC
Input
Digital PLL power. This is 1.8V input.
PLLPLUS
Input
Analog PLL ground.
Ethernet Interface
ETXCLK
Input
Transmit clock. A 10 MHz clock input. This clock signal provides the
reference sampling point for transmit data.
ETXDOOutput
Transmit data. This output signal is NRZ formatted and is transmitted to
the Ethernet PHY layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com