Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22230 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS22230
Description  WIRELESS PCI/USB CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22230 Datasheet(HTML) 2 Page - Cirrus Logic

  CS22230 Datasheet HTML 1Page - Cirrus Logic CS22230 Datasheet HTML 2Page - Cirrus Logic CS22230 Datasheet HTML 3Page - Cirrus Logic CS22230 Datasheet HTML 4Page - Cirrus Logic CS22230 Datasheet HTML 5Page - Cirrus Logic CS22230 Datasheet HTML 6Page - Cirrus Logic CS22230 Datasheet HTML 7Page - Cirrus Logic CS22230 Datasheet HTML 8Page - Cirrus Logic CS22230 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
CS22230 Mini PCI / USB Wireless Controller
2 of 29
DS558PP1
Rev. 1.0
www.cirrus.com
2
Features
Embedded ARM Core and System Support Logic
•
High Performance ARM7TDMI RISC processor core at 77MHz
•
4KB integrated, one-way set associative, unified, write through cache
•
Individual interrupt for each functional block
•
Two 23-bit programmable (periodic or one-shot) general purpose timers
•
8 Dword (32-bits) memory write and read buffers for high system performance
•
Abort cycle detection and reporting for debugging
•
ARM performance monitoring function for system fine-tuning
•
Programmable performance improvement logic based on system configuration
•
Flexible independent DMA engines for Mini PCI and Digital Radio functional units
Enhanced Memory Controller Unit
•
Programmable memory controller unit supporting SDRAM /async SRAM/boot ROM interface
•
16-bit data bus with 12-bit address supporting up to 4MB at up to 103MHz SDRAM
•
8-bit data bus with addressing support up to 1MB of boot ROM/Flash
•
Programmable SDRAM timing and size parameters such as CAS latencies and number of banks
columns and rows
FEC codec
•
High performance Reed-Solomon coding for error correction (255:239 block coding)
•
Reduces symbol error probability of a typical 10e-3 error rate environment to 10e-9
•
Programmable rate FEC engine to optimize channel efficiency
•
Low latency, fully pipelined hardware encoding and decoding. Support byte wise single cycle
throughput up to 77MHz, with a sustain rate of 77MBps.
•
Double buffering (64 Dword read/write buffer) to enhance system performance
•
On the fly configuration of encoder and decoder
Digital Wireless Radio MAC
•
Glue-less interface to 802.11b radio baseband transceiver
•
11Mbps data rate
•
32 Dword transmit/receive FIFO
•
Supports clear channel assessment (CCA)
Power Management
•
Host (Mini PCI) ACPI compliant
•
Remote USB host wakeup
•
Supports variable rate radio transmit, receive and standby radio power modes through two DACs
Clock and PLL Interface
•
Single 44MHz crystal oscillator reference clock for Mini PCI version. 48MHz reference clock required
in USB option.
•
Internal PLL to generate internal and on board clocks
USB Controller Interface
•
12 Mbps USB 1.1 compliant device
•
Supports 1 to 16 endpoints, endpoints can be bulk, isochronous or interrupt
•
Variable endpoint buffer depths providing maximum flexibility for endpoint configurations
•
Flexible configuration programming via EEPROM or firmware download
•
Remote host wakeup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com