Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22230 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS22230
Description  WIRELESS PCI/USB CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22230 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS22230 Datasheet HTML 9Page - Cirrus Logic CS22230 Datasheet HTML 10Page - Cirrus Logic CS22230 Datasheet HTML 11Page - Cirrus Logic CS22230 Datasheet HTML 12Page - Cirrus Logic CS22230 Datasheet HTML 13Page - Cirrus Logic CS22230 Datasheet HTML 14Page - Cirrus Logic CS22230 Datasheet HTML 15Page - Cirrus Logic CS22230 Datasheet HTML 16Page - Cirrus Logic CS22230 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
CS22230 Mini PCI / USB Wireless Controller
13 of 29
DS558PP1
Rev. 1.0
www.cirrus.com
RXCLK
Input
This is an input from Base Band Processor. It is used to clock in received
data from Base Band Processor.
MDRDY
Input
Receive data ready is an input signal from the baseband processor,
indicating a data packet is ready to be transferred to the MAC. The signal
returns to inactive state when there is no more receiver data or when the
link has been interrupted. This signal is sampled on the falling edge of
RXCLK (in 3824 mode), and sampled at rising edge of RXCLK (in 3860B
mode).
RXD
Input
Receive data is an input from the baseband processor transferring
demodulated header information and data in a serial format. The data is
frame aligned with MD_RDY. This signal is sampled on the falling edge of
RXCLK (in 3824 mode), and sampled at rising edge of RXCLK (in 3860B
mode).
DACAVCC
Input
Analog power for DAC. 3.3V input.
DACAGND
Input
Analog ground for DAC.
PLL and Clock Interface
There are three clock pins and five PLL power pins. There are a t of 8 signals in this interface.
XTAL_CLKIN
Input
44 MHz Reference clock input/crystal clock input for Mini PCI and 48 MHz
for USB.
XTALOUT
Output
Reference crystal clock output.
XTRACLK
Input
Second clock input to clock module. This input allows independent control
for mem_clk and ctl_clk. The usage of this clock input is determined by the
clk module configuration, which is determined by the three strapping input
pin values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com