Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK120C28R Datasheet (PDF) - STMicroelectronics

LDK120C28R Datasheet PDF - STMicroelectronics
Part # LDK120C28R
Download  LDK120C28R Download
File Size   2463.09 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 200 mA low quiescent current very low noise LDO

LDK120C28R Datasheet (PDF)

Go To PDF Page Download Datasheet
LDK120C28R Datasheet PDF - STMicroelectronics

Part # LDK120C28R
Download  LDK120C28R Click to download

File Size   2463.09 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 200 mA low quiescent current very low noise LDO

LDK120C28R Datasheet (HTML) - STMicroelectronics


LDK120C28R Product details

Description
The LDK120 low drop voltage regulator provides 200 mA of maximum current from an input supply voltage in the range of 1.9 V to 5.5 V, with a typical dropout voltage of 100 mV. It is stabilized with a ceramic capacitor on the output. The very low drop voltage, low quiescent current and low noise features make it suitable for low power battery-powered applications. An enable logic control function puts the LDK120 in shutdown mode allowing a total current consumption lower than 1 µA. The device also includes a short-circuit constant current limiting and thermal protection. 627The Palestinian militant group Hamas has officially announced the disbandment of the governing body that has administered the Gaza Strip for approximately two decades. However, Israel immediately dismissed the move as a ploy to evade disarmament.The Palestinian militant group Hamas has officially announced the disbandment of the governing body that has administered the Gaza Strip for approximately two decades. However, Israel immediately dismissed the move as a ploy to evade disarmament./ 627The Palestinian militant group Hamas has officially announced the disbandment of the governing body that has administered the Gaza Strip for approximately two decades. However, Israel immediately dismissed the move as a ploy to evade disarmament./ ')1 [The Palestinian militant group Hamas has officially announced the disbandment of the governing body that has administered the Gaza Strip for approximately two decades. However, Israel immediately dismissed the move as a ploy to evade disarmament.PP

Features
■ Input voltage from 1.9 to 5.5 V
■ Very low dropout voltage (100 mV typ. at 100 mA load)
■ Low quiescent current (max. 100 µA, 1 µA in OFF mode)
■ Very low noise
■ Output voltage tolerance: ± 2.0% @ 25 °C
■ 200 mA guaranteed output current
■ Wide range of fixed output voltages available on request: from 0.8 V to 3.5 V with 100 mV step
■ Adjustable version: from 0.8 V to VIN-Vdrop
■ Logic-controlled electronic shutdown
■ Compatible with ceramic capacitor COUT = 1 µF
■ Internal current and thermal limit
■ Available in SOT23-5L, SOT323-5L and DFN6 (1.2 x 1.3 mm) packages
■ Temperature range: -40 °C to 125 °C

Applications
■ Mobile phones
■ Personal digital assistants (PDAs)
■ Cordless phones and similar battery-powered systems
■ Digital still cameras




Similar Part No. - LDK120C28R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120C28R STMICROELECTRONICS-LDK120C28R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
More results


Similar Description - LDK120C28R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 - Rev. 0
NCP707 ONSEMI-NCP707 Datasheet
897Kb / 19P
200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 1
logo
STMicroelectronics
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
STMicroelectronics
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCP707 ONSEMI-NCP707_15 Datasheet
857Kb / 19P
200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
June, 2015 ??Rev. 8
logo
STMicroelectronics
LDK220 STMICROELECTRONICS-LDK220 Datasheet
1Mb / 28P
200 mA low quiescent current and low noise LDO
October 2016 Rev 4
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
200 mA ultra-low quiescent current LDO
Jun-2019
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com