Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet (PDF) - Cirrus Logic

CS5101A Datasheet PDF - Cirrus Logic
Part # CS5101A
Download  CS5101A Download
File Size   466.96 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit, 100kHz/ 20kHz A/D Converters

CS5101A Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5101A Datasheet PDF - Cirrus Logic

Part # CS5101A
Download  CS5101A Click to download

File Size   466.96 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit, 100kHz/ 20kHz A/D Converters

CS5101A Datasheet (HTML) - Cirrus Logic


CS5101A Product details

Description
The CS5101A and CS5102A are 16-bit monolithic CMOS analog-to-digital converters (ADCs) capable of 100 kSps (5101A) and 20 kSps (5102A) throughput. The CS5102A’s low power consumption of 44mW, coupled with a power-down mode, makes it particularly suitable for battery-powered operation.

Features
● Monolithic CMOS A/D Converters
    – Inherent Sampling Architecture
    – 2-channel Input Multiplexer
    – Flexible Serial Output Port
● Ultra-low Distortion
    – S/(N+D): 92 dB
    – TDH: 0.001%
● Conversion Time
    – CS5101A: 8µs
    – CS5102A: 40 µs
● Linearity Error: ±0.001% FS
    – Guaranteed No Missing Codes
● Self-calibration Maintains Accuracy
    – Accurate Over Time & Temperature
● Low Power Consumption
    – CS5101A: 320 mW
    – CS5102A: 44 mW




Similar Part No. - CS5101A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-BL8 CIRRUS-CS5101A-BL8 Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-BL8Z CIRRUS-CS5101A-BL8Z Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-JL8 CIRRUS-CS5101A-JL8 Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
CS5101A-JL8Z CIRRUS-CS5101A-JL8Z Datasheet
574Kb / 39P
16-bit, 100 kSps / 20 kSps A/D Converters
More results


Similar Description - CS5101A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
MN6500 ETC1-MN6500 Datasheet
1Mb / 8P
100kHz 16-Bit, A/D CONVERTER
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
16-Bit, 1MHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
16-Bit, 3MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
16-Bit, 10MHz Sampling A/D Converters
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
16-bit, 100kHz Sampling A/D Converter
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com