Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 2Page - Cirrus Logic CS5101A Datasheet HTML 3Page - Cirrus Logic CS5101A Datasheet HTML 4Page - Cirrus Logic CS5101A Datasheet HTML 5Page - Cirrus Logic CS5101A Datasheet HTML 6Page - Cirrus Logic CS5101A Datasheet HTML 7Page - Cirrus Logic CS5101A Datasheet HTML 8Page - Cirrus Logic CS5101A Datasheet HTML 9Page - Cirrus Logic CS5101A Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Notes: 19. Conversion time scales directly to the master clock speed. The times shown are for synchronous,
internal loopback (FRN mode). In PDT, RBT, and SSC modes, asynchronous delay between the falling
edge of HOLD and the start of conversion may add to the apparent conversion time. This delay will
not exceed 1 master clock cycle + 140 ns.
20. The CS5102A requires 6 clock cycles of coarse charge, followed by a minimum of 5.625
µs of fine charge.
FRN mode allows 9 clock cycles for fine charge which provides for the minimum 5.625
µs with an 1.6 MHz
clock, however; in PDT, RBT, or SSC modes, at clock frequencies less than 1.6 MHz, fine charge may
be less than 9 clock cycles.
21. Throughput is the sum of the acquisition and conversion times. It will vary in accordance with conditions
affecting acquisition and conversion times, as described above.
22. All outputs unloaded. All inputs at VD+ or DGND. See table below for power dissipation vs. clock frequency.
23. With 300 mV p-p, 1 kHz ripple applied to each supply separately in the bipolar mode. Rejection
improves by 6 dB in the unipolar mode to 90 dB. Figure 23 shows a plot of typical power supply
rejection versus frequency.
CS5102A
ANALOG CHARACTERISTICS (continued)
CS5102A -J,K
CS5102A -A,B
Parameter*
Symbol Min
Typ Max Min
Typ Max
Units
Specified Temperature Range
-
0 to +70
40 to +85
°C
Analog Input
Aperture Time
-
-
30
-
-
30
-
ns
Aperture Jitter
-
-
100
-
-
100
-
ps
Input Capacitance
(Note 6)
Unipolar Mode
Bipolar Mode
-
-
-
-
320
200
425
265
-
-
320
200
425
265
pF
pF
Conversion & Throughput
Conversion Time
(Note 19)
tc
-
-
40.625
-
-
40.625
µs
Acquisition Time
(Note 20)
ta
-
-
9.375
-
-
9.375
µs
Throughput
(Note 21)
ftp
20
-
-
20
-
-
kHz
Power Supplies
Power Supply Current
(Note 22)
Positive Analog
Negative Analog
(SLEEP High)
Positive Digital
Negative Digital
IA+
IA-
ID+
ID-
-
-
-
-
2.4
-2.4
2.5
-1.5
3.5
-3.5
3.5
-2.5
-
-
-
-
2.4
-2.4
2.5
-1.5
3.5
-3.5
3.5
-2.5
mA
mA
mA
mA
Power Consumption
(Notes 11, 22)
(SLEEP High)
(SLEEP Low)
Pdo
Pds
-
-
44
1
65
-
-
-
44
1
65
-
mW
mW
Power Supply Rejection:
(Note 23)
Positive Supplies
Negative Supplies
PSR
PSR
-
-
84
84
-
-
-
-
84
84
-
-
dB
dB
Typ. Power (mW) CLKIN (MHz)
34
0.8
37
1.0
39
1.2
41
1.4
44
1.6
6
DS45F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com