Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 17Page - Cirrus Logic CS5101A Datasheet HTML 18Page - Cirrus Logic CS5101A Datasheet HTML 19Page - Cirrus Logic CS5101A Datasheet HTML 20Page - Cirrus Logic CS5101A Datasheet HTML 21Page - Cirrus Logic CS5101A Datasheet HTML 22Page - Cirrus Logic CS5101A Datasheet HTML 23Page - Cirrus Logic CS5101A Datasheet HTML 24Page - Cirrus Logic CS5101A Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ence must supply a maximum load current of
5
µA peak-to-peak (0.5 µA typical). An output
impedance of 2
Ω will therefore yield a maxi-
mum error of 10.0
µV. With a 4.5 V reference and
LSB size of 138
µV this would insure approxi-
mately 1/14 LSB accuracy. A 10
µF capacitor
exhibits an impedance of less than 2
Ω at fre-
quencies greater than 16 kHz. A high-quality
tantalum capacitor in parallel with a smaller ce-
ramic capacitor is recommended.
Peaking in the reference’s output impedance can
occur because of capacitive loading at its output.
Any peaking that might occur can be reduced by
placing a small resistor in series with the capaci-
tors. The equation in Figure 9 can be used to help
calculate the optimum value of R for a particular
reference. The term "fpeak" is the frequency of
the peak in the output impedance of the reference
before the resistor is added.
The CS5101A and CS5102A can operate with a
wide range of reference voltages, but signal-to-
noise performance is maximized by using as
wide a signal range as possible. The recom-
mended reference voltage is 4.5 volts. The
CS5101A and CS5102A can actually accept ref-
erence voltages up to the positive analog supply.
However, the buffer’s offset may increase as the
reference voltage approaches VA+ thereby in-
creasing external drive requirements at VREF. A
4.5V reference is the maximum reference voltage
recommended. This allows 0.5V headroom for
the internal reference buffer. Also, the buffer en-
lists the aid of an external 0.1
µF ceramic
capacitor which must be tied between its output,
REFBUF, and the negative analog supply, VA-.
For more information on references, consult "Ap-
plication Note: Voltage References for the
CS501X Series of A/D Converters".
Analog Input Connection
The analog input terminal functions similarly to
the VREF input after each conversion when
switching into the track mode. During the first
six master clock cycles in the track mode, the
buffered version of the analog input is used for
coarse-charging the capacitor array. An additional
period is required for fine-charging directly from
AIN to obtain the specified accuracy. Figure 10
shows this operation. During coarse-charge the
charge on the capacitor array first settles to the
buffered version of the analog input. This voltage
may be offset from the actual input voltage. Dur-
ing fine-charge, the charge then settles to the
accurate unbuffered version.
21
20
23
VREF
REFBUF
VA-
0.1
µF
10
µF
-5V
0.01
µF
R*
+Vee
CS5101A
OR
CS5102A
ref
V
Figure 9. Reference Connections
R=
1
2
π (C1 + C2) fpeak
Acquisition Time (us)
+200
0
-100
-400
+100
-200
-300
Fine-Charge
Coarse-Charge
0.25
0.5
0.75
1.0
1.0
2.0
3.0
4.0
8 MHz Clock
2.0 MHz Clock
Figure 10. Charge Settling Time
(8 and 2.0 MHz Clocks)
CS5101A CS5102A
DS45F2
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com