Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 21Page - Cirrus Logic CS5101A Datasheet HTML 22Page - Cirrus Logic CS5101A Datasheet HTML 23Page - Cirrus Logic CS5101A Datasheet HTML 24Page - Cirrus Logic CS5101A Datasheet HTML 25Page - Cirrus Logic CS5101A Datasheet HTML 26Page - Cirrus Logic CS5101A Datasheet HTML 27Page - Cirrus Logic CS5101A Datasheet HTML 28Page - Cirrus Logic CS5101A Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
code with more or less occurrences than average
will appear as a DNL of greater or less than zero
LSB. A missing code has zero occurrences, and
will appear as a DNL of -1 LSB.
Figures 15 and 16 illustrate the code width distri-
bution of the DNL plots shown in Figures 11 and
13 respectively. The DNL error distribution plots
indicate that the CS5101A and CS5102A cali-
brate the majority of their codes to tighter
tolerance than the DNL plots in Figures 11 and
13 appear to indicate.
FFT Tests and Windowing
In the factory, the CS5101A and CS5102A are
tested using Fast Fourier Transform (FFT) tech-
niques to analyze the converters’ dynamic
performance. A pure sinewave is applied to the
device, and a "time record" of 1024 samples is
-0.65
30
28
26
24
22
20
18
16
14
12
10
8
6
4
2
0
-0.55 -0.45 -0.35 -0.25 -0.15 -0.05 0 0.05 0.15 0.25
0.35 0.45 0.55
0.65
0
1
16
115
481
3708
15570
25248
15499
3959
714
175
41
5
2
DNL Error in LSB
# of Missing Codes: 0
Total # of
Codes Analyzed: 65534
Figure 15. CS5101A DNL Error Distribution
35
30
25
20
15
10
5
0
-0.45
-0.35
-0.25
-0.15
-0.05 0 0.05
0.15
0.25
0.35
0.45
03
86
1775
16047
31047
14592
1892
88
4
0
DNL Error in LSB
# of Missing Codes: 0
Total # of
Codes Analyzed: 65534
Figure 16. CS5102A DNL Error Distribution
CS5101A CS5102A
DS45F2
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com