Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 2 Page - Cirrus Logic

  CS5101A Datasheet HTML 1Page - Cirrus Logic CS5101A Datasheet HTML 2Page - Cirrus Logic CS5101A Datasheet HTML 3Page - Cirrus Logic CS5101A Datasheet HTML 4Page - Cirrus Logic CS5101A Datasheet HTML 5Page - Cirrus Logic CS5101A Datasheet HTML 6Page - Cirrus Logic CS5101A Datasheet HTML 7Page - Cirrus Logic CS5101A Datasheet HTML 8Page - Cirrus Logic CS5101A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
CS5101A-J,K
CS5101A-A,B
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
0 to +70
-40 to +85
°C
Accuracy
Linearity Error
-J,A,S
(Note 1)
-K,B,T
Drift
(Note 2)
-
-
-
0.002
0.001
± 1/4
0.003
0.002
-
-
-
-
0.002
0.001
± 1/4
0.003
0.002
-
%FS
%FS
∆LSB
Differential Linearity
(Notes 3, 4)
16
-
-
16
-
-
Bits
Full Scale Error
-J,A,S
(Note 1)
-K,B,T
Drift
(Note 2)
-
-
-
± 1
± 1
± 1
± 4
± 3
-
-
-
-
± 1
± 1
± 1
± 4
± 3
-
LSB
LSB
∆LSB
Unipolar Offset
-J,A,S
(Note 1)
-K,B,T
Drift
(Note 2)
-
-
-
± 2
± 2
± 1
± 5
± 4
-
-
-
-
± 2
± 2
± 1
± 5
± 4
-
LSB
LSB
∆LSB
Bipolar Offset
-J,A,S
(Note 1)
-K,B,T
Drift
(Note 2)
-
-
-
± 2
± 2
± 1
± 5
± 3
-
-
-
-
± 2
± 2
± 2
± 5
± 3
-
LSB
LSB
∆LSB
Bipolar Negative Full-Scale Error
-J,A,S
(Note 1)
-K,B,T
Drift
(Note 2)
-
-
-
± 1
± 1
± 1
± 4
± 3
-
-
-
-
± 1
± 1
± 1
± 4
± 3
-
LSB
LSB
∆LSB
Dynamic Performance
(Bipolar Mode)
Peak Harmonic or Spurious Noise (Note 1)
1 kHz Input
-J,A,S
-K,B,T
12 kHz Input
-J,A,S
-K,B,T
96
98
85
85
100
102
88
91
-
-
-
-
96
98
85
85
100
102
88
91
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion -J,A,S
-K,B,T
-
-
0.002
0.001
-
-
-
-
0.002
0.001
-
-
%
%
Signal-to-Noise Ratio
(Note 1)
0dB Input
-J,A,S
-K,B,T
-60 dB Input
-J,A,S
-K,B,T
87
90
-
-
90
92
30
32
-
-
-
-
87
90
-
-
90
92
30
32
-
-
-
-
dB
dB
dB
dB
Noise
(Note 5)
Unipolar Mode
Bipolar Mode
-
-
35
70
-
-
-
-
35
70
-
-
µVrms
µVrms
CS5101A
ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V; VA-, VD- = -5V;
VREF = 4.5V; Full-Scale Input Sinewave, 1 kHz; CLKIN = 4 MHz for -16, 8 MHz for -8; f s = 50 kHz for -16,
100 kHz for -8; Bipolar Mode; FRN Mode; AIN1 and AIN2 tied together, each channel tested separately; Analog
Source Impedance = 50
Ω with 1000 pF to AGND unless otherwise specified)
Notes:
1. Applies after calibration at any temperature within the specified temperature range. At temp
2. Total drift over specified temperature range after calibration at power-up at 25
°C.
3. Minimum resolution for which no missing codes is guaranteed over the specified temperature range.
4. Clock speeds of less than 1.0 MHz, at temperatures >100
°C will degrade DNL performance.
5. Wideband noise aliased into the baseband. Referred to the input.
*Refer to
Parameter Definitions (immediately following the pin descriptions at the end of this data sheet).
Specifications are subject to change without notice.
2
DS45F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com