Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5101A Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5101A
Description  16-Bit, 100kHz/ 20kHz A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5101A Datasheet HTML 32Page - Cirrus Logic CS5101A Datasheet HTML 33Page - Cirrus Logic CS5101A Datasheet HTML 34Page - Cirrus Logic CS5101A Datasheet HTML 35Page - Cirrus Logic CS5101A Datasheet HTML 36Page - Cirrus Logic CS5101A Datasheet HTML 37Page - Cirrus Logic CS5101A Datasheet HTML 38Page - Cirrus Logic CS5101A Datasheet HTML 39Page - Cirrus Logic CS5101A Datasheet HTML 40Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Apr ’00 : 28 PIN LCC PACKAGE DRAWING
PRELIMINARY
DRAFT WAITING
ON VERIFICATION
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.062
0.080
0.098
1.57
2.025
2.48
b
0.020
0.025
0.030
0.51
0.635
0.76
D/E
0.443
0.4525
0.462
11.25
11.515
11.73
D2/E2
0.295
0.300
0.305
7.49
7.620
7.75
e
0.045
0.050
0.055
1.14
1.270
1.40
L
0.045
0.050
0.055
1.14
1.270
1.40
L1
0.075
0.085
0.095
1.91
2.160
2.41
Controlling Dimension is Inches
28 PIN LCC PACKAGE DRAWING
E2
L1
L
b
e
D2
TERMINAL 1
BOTTOM VIEW
A
1
E
D
TOP VIEW
PRELIMINARY
DRAFT WAITING
ON VERIFICATION
PKLC028A01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com