Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1017 Datasheet (PDF) - Clare, Inc.

CPC1017 Datasheet PDF - Clare, Inc.
Part # CPC1017
Download  CPC1017 Download
File Size   132.07 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 4 Pin SOP OptoMOS Relays

CPC1017 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1017 Datasheet PDF - Clare, Inc.

Part # CPC1017
Download  CPC1017 Click to download

File Size   132.07 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 4 Pin SOP OptoMOS Relays

CPC1017 Datasheet (HTML) - Clare, Inc.


CPC1017 Product details

Description

The CPC1017N is a miniature 1-Form-A solid state relay in a 4 pin SOP package that employs optically coupled MOSFET technology to provide 1500V of input to output isolation. The super efficient MOSFET switches and photovoltaic die use Clare’s patented OptoMOS architecture. The optically coupled input is controlled by a highly efficient GaAIAs infrared LED. The CPC1017N uses Clare’s state-of-the-art double molded vertical construction packaging to produce the world’s smallest relay. The CPC1017N offers board space savings of at least 20% over the competitor’s larger 4 pin SOP relay. It boasts the industries’ lowest input current to operate in its class.



Features

• Design for use in security systems complying with EN50130-4

• Only 1mA of LED curent required to operate

• Small 4 Pin SOP Package

• TTL/CMOS Compatible input

• No Moving Parts

• High Reliability

• Arc-Free With No Snubbing Circuits

• 1500VRMS Input/Output Isolation/2100V AC peak

• No EMI/RFI Generation

• Immune to radiated EM fields

• SMD Pick & Place, Wave Solderable

• Tape & Reel Version Available



Applications

• Security

   • Passive Infrared Detectors (PIR)

   • Data Signalling

   • Sensor Circuitry

• Instrumentation

   • Multiplexers

   • Data Acquisition

   • Electronic Switching

   • I/O Subsystems

   • Meters (Watt-Hour, Water, Gas)

• Medical Equipment—Patient/Equipment Isolation

• Aerospace

• Industrial Controls



 




Similar Part No. - CPC1017

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1017N CLARE-CPC1017N Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relays
logo
IXYS Corporation
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1017NTR CLARE-CPC1017NTR Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relays
logo
IXYS Corporation
CPC1017NTR IXYS-CPC1017NTR Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1017N CLARE-CPC1017N_1 Datasheet
112Kb / 5P
4-Pin SOP OptoMOS짰 Relays
More results


Similar Description - CPC1017

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1150N CLARE-CPC1150N Datasheet
120Kb / 6P
4 Pin SOP OptoMOS Relays
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
4 Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
CPC1135N CLARE-CPC1135N Datasheet
421Kb / 5P
4-Pin SOP OptoMOS Relays
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
4-Pin SOP OptoMOS Relay
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com