Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1017 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1017
Description  4 Pin SOP OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1017 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1017 Datasheet HTML 1Page - Clare, Inc. CPC1017 Datasheet HTML 2Page - Clare, Inc. CPC1017 Datasheet HTML 3Page - Clare, Inc. CPC1017 Datasheet HTML 4Page - Clare, Inc. CPC1017 Datasheet HTML 5Page - Clare, Inc. CPC1017 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1017N
R0A.1
CPC1017N
Typical On-Resistance vs. Temperature
(Load Current = 50mA; IF = 5mA)
Temperature ( C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
o
CPC1017N
Typical Turn-Off vs. LED Forward Current
(Load Current = 100mA)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
CPC1017N
Typical Turn-On vs. LED Forward Current
(Load Current = 100mA; IF=5mA)
LED Forward Current (mA)
0
5
1015202530354045
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
50
PERFORMANCE DATA*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
CPC1017N
Typical IF for Switch Operation
vs. Temperature
(Load Current = 50mA)
Temperature ( C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
o
CPC1017N
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25 C)
IF = 5mA
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
o
CPC1017N
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com